Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988IMF-3.3 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3988IMF-3.3
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3988IMF-3.3 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3988IMF-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified: V
EN = 1.8V, VIN =VOUT + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF. Typical values and limits
appearing in standard typeface are for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature
range for operation, −40˚C to +125˚C. (Note 6) (Note 7)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
V
IL
Logic Low Input threshold
V
IN = 2.5V to 6.0V
0.5
V
V
IH
Logic High Input threshold
V
IN = 2.5V to 6.0V
1.2
V
Power Good
V
THL
V
THH
Power Good
Low threshold
High Threshold
%ofV
OUT (PG ON) Figure 2
%ofV
OUT (PG OFF) Figure 2 (Note
14)
93
95
90
92
95
98
%
V
OL
PG Output Logic Low Voltage
I
PULL-UP = 100µA, fault condition
0.02
0.1
V
I
PGL
PG Output Leakage Current
PG Off, V
PG = 6V
0.02
µA
T
ON
Power Good Turn On time,
(Note 9)
V
IN = 4.2V
10
µs
T
OFF
Power Good Turn Off time,
(Note 9)
V
IN = 4.2V
10
µs
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula:
P
D =(TJ -TA)/
θ
JA
where TJ is the junction temperature, TA is the ambient temperature, and θ JA is the junction-to-ambient thermal resistance. The 364mW rating appearing under
Absolute Maximum Ratings for the SOT23-5 package results from substituting the Absolute Maximum junction temperature, 150˚C, for TJ, 70˚C for TA, and 220˚C/W
for
θJA. More power can be dissipated safely at ambient temperatures below 70˚C . Less power can be dissipated safely at ambient temperatures above 70˚C. The
Absolute Maximum power dissipation can be increased by 4.5mW for each degree below 70˚C, and it must be derated by 4.5mW for each degree above 70˚C. Same
principle applies to the micro SMD package.
Note 4: The human body model is 100pF discharged through 1.5k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged directly into each
pin.
Note 5: Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The 250mW rating
appearing under Operating Ratings for the SOT23-5 package results from substituting the maximum junction temperature for operation, 125˚C, for TJ, 70˚C for TA,
and 220˚C/W for
θJA into (Note 3) above. More power can be dissipated at ambient temperatures below 70˚C . Less power can be dissipated at ambient
temperatures above 70˚C. The maximum power dissipation for operation can be increased by 4.5mW for each degree below 70˚C, and it must be derated by 4.5mW
for each degree above 70˚C. Same principle applies to the micro SMD package.
Note 6: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25˚C or correlated using
Statistical Quality Control (SQC) methods. All hot and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations
and applying statistical process control.
Note 7: The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
Note 8: An increase in the load current results in a slight decrease in the output voltage and vice versa.
Note 9: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value.
Note 10: Short circuit current is measured on input supply line after pulling down VOUT to 95% VOUT(nom).
Note 11: Guaranteed by design. The capacitor tolerance should be ±30% or better over the full temperature range. The full range of operating conditions such as
temperature, DC bias and even capacitor case size for the capacitor in the application should be considered during device selection to ensure this minimum
capacitance specification is met. X7R capacitor types are recommended to meet the full device temperature range.
Note 12: Turn-on time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal value.
Note 13: 100V machine model for Power-good flag, pin 4.
Note 14: The low and high thresholds are generated together. Typically a 2.6% difference is seen between these thresholds.
Note 15: The minimum VIN is dependant on the device output option.
For Vout(NOM) < 2.5V, VIN(MIN) will equal 2.5V. For Vout(NOM) >= 2.5V, VIN(MIN) will equal Vout(NOM) + 200mV.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com