Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT90ZB1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M28W320ECT90ZB1
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT90ZB1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M28W320ECT90ZB1 Datasheet HTML 4Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 5Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 6Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 7Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 8Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 9Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 10Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 11Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
M28W320ECT, M28W320ECB
8/53
Figure 5. Block Addresses
Note: Also see Appendix A, Tables 24 and 25 for a full listing of the Block Addresses.
Figure 6. Protection Register Memory Map
AI05519
4 KWords
1FFFFF
1FF000
32 KWords
00FFFF
008000
32 KWords
007FFF
000000
M28W320ECT
Top Boot Block Addresses
4 KWords
1F8FFF
1F8000
32 KWords
1F0000
1F7FFF
Total of 8
4 KWord Blocks
Total of 63
32 KWord Blocks
4 KWords
1FFFFF
1F8000
32 KWords
32 KWords
000FFF
000000
M28W320ECB
Bottom Boot Block Addresses
4 KWords
1F7FFF
00FFFF
32 KWords
1F0000
008000
Total of 63
32 KWord Blocks
Total of 8
4 KWord Blocks
007FFF
007000
AI05520
User Programmable OTP
Unique device number
Protection Register Lock
2(1)
10
8Ch
85h
84h
81h
80h
PROTECTION REGISTER
Note1. Bit 2 of the Protection Register Lock must not be programmed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com