Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT90ZB1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # M28W320ECT90ZB1
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT90ZB1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M28W320ECT90ZB1 Datasheet HTML 45Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 46Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 47Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 48Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 49Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 50Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 51Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 52Page - STMicroelectronics M28W320ECT90ZB1 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
M28W320ECT, M28W320ECB
52/53
REVISION HISTORY
Table 34. Document Revision History
Date
Version
Revision Details
10-Sep-2001
-01
First Issue
06-Nov-2001
-02
VDDQ Maximum changed to 3.3V
Commands Table, Read CFI Query Address on 1st cycle changed to ‘X’ (Table 4)
17-Jun-2002
-03
Quadruple Word Program command added, VDDQ Maximum changed to 3.6V,
TFBGA package dimensions added to description. Corrections to Program and
Erase times Table 8, DC Characteristics Table 15 and CFI Tables 28 and 29. Security
block removed. Command Codes Table added.
03-Oct-2002
3.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot
(revision version 03 equals 3.0).
REVISION HISTORY moved to end of document.
“Double Word Program Command” and “Quadruple Word Program Command”
clarified.
DQ0, DQ2, DQ3-DQ7 and DQ8-DQ15 parameters modified for Lock in Table 7, Read
Protection Register and Lock Register.
19-Feb-2003
3.2
Data Retention parameter added to Table 8, Program, Erase Times and Program/
Erase Endurance Cycles. S option added to Table 22, Ordering Information Scheme,
and T option specified.
Document promoted from Preliminary Data to Full Datasheet status.
29-Apr-2003
3.3
Lead-free package options added to Table 22, Ordering Information Scheme and
Table 23, Daisy Chain Ordering Scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com