Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM32 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM32
Description  Precision Timers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM32 Datasheet HTML 4Page - National Semiconductor (TI) LM32 Datasheet HTML 5Page - National Semiconductor (TI) LM32 Datasheet HTML 6Page - National Semiconductor (TI) LM32 Datasheet HTML 7Page - National Semiconductor (TI) LM32 Datasheet HTML 8Page - National Semiconductor (TI) LM32 Datasheet HTML 9Page - National Semiconductor (TI) LM32 Datasheet HTML 10Page - National Semiconductor (TI) LM32 Datasheet HTML 11Page - National Semiconductor (TI) LM32 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Applications (Continued)
TLH7768 – 14
FIGURE 4 Time Out on Power Up (Relay Energized
Until
Rt Ct Seconds After VCC is Applied)
TLH7768 – 15
FIGURE 5 5V Logic Supply Driving 28V Relay
30V Supply Interfacing with 5V Logic
Figure 6 indicates the ability of the timer to interface to digi-
tal logic when operating off a high supply voltage VOUT
swings between a5V and ground with a minimum fanout of
5 for medium speed TTL If the logic is sensitive to risefall
time of the trailing edge of the output pulse the trigger pin
should be low at that time
TLH7768 – 16
FIGURE 6 30V Supply Interfacing with 5V Logic
Astable Operation
The LM122 can be made into a self-starting oscillator by
feeding the output back to the trigger input through a capac-
itor as shown in
Figure 7 Operating frequency is 1(Rt a
R1)(Ct) The output is a narrow negative pulse whose width
is approximately 2R2 Cf For optimum frequency stability Cf
should be as small as possible The minimum value is deter-
mined by the time required to discharge Ct through the inter-
nal discharge transistor A conservative value for Cf can be
chosen from the graph included with
Figure 20 For frequen-
cies below 1 kHz the frequency error introduced by Cf is a
few tenths of one percent or less for Rt t 500k
See Chart
TLH7768 – 17
TLH7768 – 18
FIGURE 7 Oscillator
One Hour Timer with Reset and Manual Cycle End
Figure 8 shows the LM122 connected as a one hour timer
with manual controls for start reset and cycle end S1
starts timing but has no effect after timing has started S2 is
a center off switch which can either end the cycle prema-
turely with the appropriate change in output state and dis-
charging of Ct or cause Ct to be reset to 0V without a
change in output In the latter case a new timing period
starts as soon as S2 is released
Dearborn
Electronics
LP9A1A476K
Polycarbonate
TLH7768 – 19
FIGURE 8 One Hour Timer with Reset
and Manual Cycle End
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com