Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM32 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM32
Description  Precision Timers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM32 Datasheet HTML 6Page - National Semiconductor (TI) LM32 Datasheet HTML 7Page - National Semiconductor (TI) LM32 Datasheet HTML 8Page - National Semiconductor (TI) LM32 Datasheet HTML 9Page - National Semiconductor (TI) LM32 Datasheet HTML 10Page - National Semiconductor (TI) LM32 Datasheet HTML 11Page - National Semiconductor (TI) LM32 Datasheet HTML 12Page - National Semiconductor (TI) LM32 Datasheet HTML 13Page - National Semiconductor (TI) LM32 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Hints (Continued)
Timer Protected
Against Damage
for up to 50V
TLH7768 – 26
FIGURE 15 Comparator with 0V to 3V Threshold
Eliminating Timing Cycle Upon Initial
Application of Power
The LM122 will normally start a timing cycle (with no trigger
input) when Va is first turned on If this characteristic is
undesirable it can be defeated by tying the timing capacitor
to VREF instead of ground as shown in Figure 16 This con-
nection does not affect operation of the timer in any other
way If an electrolytic timing capacitor is used be sure the
negative end is tied to the RC pin and the positive end to
VREF A 10 kX resistor should be included in series with the
timing capacitor to limit the surge current load on VREF
when the capacitor is discharged
TLH7768 – 27
FIGURE 16 Eliminating Initial Timing Cycle
Using Dual Supplies
The LM122 can be operated off dual supplies as shown in
Figure 17 The only limitation is that the emitter terminal
cannot be tied to ground it must either drive a load referred
to Vb or be actually tied to Vb as shown Although capaci-
tive coupling is shown for the trigger input (to allow 5V trig-
gering) a resistor can be substituted for C1 R2 must be
chosen to give proper level shifting between the trigger sig-
nal and the trigger pin of the timer Worst case ‘‘lo’’ on the
trigger pin (with respect to Vb) is 08V and worst case
‘‘high’’ is 25V R2 may be calculated from the divider equa-
tion with R1 to give these levels
TLH7768 – 28
Select for Proper Level Shift
Emitter Terminal or Emitter Load must be Tied to GND Pin of Timer
FIGURE 17 Operating Off Dual Supplies
Linearizing the Charging Sweep
In some applications (such as a linear pulse width modula-
tor) it may be desirable to have the timing capacitor charge
from a constant current source A simple way to accomplish
this is shown in
Figure 18
TLH7768 – 29
FIGURE 18 Temperature Compensated
Linear Charging Sweep
Q1 converts the current through R1 to a current source in-
dependent of the voltage across Ct R2 R3 D1 and D2 are
added to make the current through R1 independent of sup-
ply variations and temperature changes (D2 is a low TC
type) D2 and R3 can be omitted if the Va supply is stable
and D1 and R2 can be omitted also if temperature stability is
not critical With D1 D2 R2 and R3 omitted the current
through R1 will change about 0015% C with a 15V supply
and 01% C with a 50V supply
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com