Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6D-FKB Datasheet(PDF) 10 Page - Cree, Inc

Part # CLX6D-FKB
Description  PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6D-FKB Datasheet(HTML) 10 Page - Cree, Inc

Back Button CLX6D-FKB Datasheet HTML 3Page - Cree, Inc CLX6D-FKB Datasheet HTML 4Page - Cree, Inc CLX6D-FKB Datasheet HTML 5Page - Cree, Inc CLX6D-FKB Datasheet HTML 6Page - Cree, Inc CLX6D-FKB Datasheet HTML 7Page - Cree, Inc CLX6D-FKB Datasheet HTML 8Page - Cree, Inc CLX6D-FKB Datasheet HTML 9Page - Cree, Inc CLX6D-FKB Datasheet HTML 10Page - Cree, Inc CLX6D-FKB Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree PLCC6 3 in 1 SMD LED
CLX6D-FKB
REFLOW SOLDERING
•
TheCLX6D-FKBisratedasaMSL5aproduct.
•
Therecommendedfloorlifeoutofbagis24hrs.
•
Thebestpracticessuggestionistobake24-hour/80ºCbeforeuse.
•
Thetemperatureprofileisasbelow.
Use only with CLX6D-FKB
Solderingpad:
Solder
Average ramp-up rate = 4ºC/s max
Preheat temperature = 150ºC ~200ºC
Preheat time = 120s max
Ramp-down rate = 6ºC/s max
Peak temperature = 250ºC max
Time within 5ºC of actual Peak Temperature = 10s max
Duration above 217ºC is 60s max
Document No.: COTCO-05-0057
Rev. NO.:
13
6/9
Melting-point
Pre-heat
Soak
Reflow
Cooling
Time
Use all SMD besides LP6-NPP1-01-N1
Solder = Sn63-Pb37
Solder = Lead-free
Average ramp-up rate =4ºC/s max.
Average ramp-up rate =4ºC/s max
Preheattemperature = 100ºC ~150ºC
Preheattemperature = 150ºC ~200ºC
Preheattime = 100s max.
Preheattime = 100s max.
Ramp-down rate =6ºC/s max.
Ramp-down rate =6ºC/s max.
Peaktemperature = 230ºC max.
Peaktemperature = 250ºC max.
Time within5ºC of actual Peak Temperature = 10s max.
Time within5ºC of actual Peak Temperature = 10s max.
Duration above 183ºC is 80s max.
Duration above 217ºC is 80s max.
Only use LP6-NPP1-01-N1
[13]
Solder = Low Lead-free
Average ramp-up rate =3ºC/s max.
Preheattemperature = 130ºC ~170ºC
Preheattime = 120s max.
Ramp-down rate =6ºC/s max.
Peaktemperature = 213ºC max.
Time within3ºC of actual Peak Temperature = 25s max.
Duration above 200ºC is 40s max.
Recommended solder pad designfor heat dissipation (2-pin SMD LED):
7.0
2.6
Recommended solder pad designfor heat dissipation (4-pin SMD LED)






Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com