Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6D-FKB Datasheet(PDF) 4 Page - Cree, Inc

Part # CLX6D-FKB
Description  PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6D-FKB Datasheet(HTML) 4 Page - Cree, Inc

  CLX6D-FKB Datasheet HTML 1Page - Cree, Inc CLX6D-FKB Datasheet HTML 2Page - Cree, Inc CLX6D-FKB Datasheet HTML 3Page - Cree, Inc CLX6D-FKB Datasheet HTML 4Page - Cree, Inc CLX6D-FKB Datasheet HTML 5Page - Cree, Inc CLX6D-FKB Datasheet HTML 6Page - Cree, Inc CLX6D-FKB Datasheet HTML 7Page - Cree, Inc CLX6D-FKB Datasheet HTML 8Page - Cree, Inc CLX6D-FKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC6 3 in 1 SMD LED
CLX6D-FKB
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
CLX6D-FKB-CMPQSGKBB7a363
R
710
1400
RB
619
RB
624
Reel
G
1400
2800
G7
520
Ga
540
Reel
B
280
710
B3
460
B6
480
Reel
CLX6D-FKB-CM1Q1G1BB7D3D3
R
Any 1 intensity bin from M(710)-P(1400)
RB
619
RB
624
Reel
G
Any 1 intensity bin from Q(1400)-S(2800)
Any 1 hue bin from G7(520)-Ga(540)
Reel
B
Any 1 intensity bin from G(280)-K(710)
Any 1 hue bin from B3(460)-B6(480)
Reel
CLX6D-FKB-CN1R1H1BB7D3D3
R
Any 1 intensity bin from N(900)-P(1400)
RB
619
RB
624
Reel
G
Any 1 intensity bin from R(1800)-S(2800)
Any 1 hue bin from G7(520)-Ga(540)
Reel
B
Any 1 intensity bin from H(355)-K(710)
Any 1 hue bin from B3(460)-B6(480)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes.Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin
code will be orderable in certain quantities. For example, any 1 intensity bin from M - P means only 1 intensity bin
(M or qr or N or st or P) will be shipped by Cree. For example, any 1 color bin from G7 - Ga means only 1 color bin
(G7 or G23 or G8 or G45 or G9 or G67 or Ga) will be shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com