Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXDA9000 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXDA9000
Description  Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXDA9000 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXDA9000 Datasheet HTML 1Page - Advanced XTAL Products AXDA9000 Datasheet HTML 2Page - Advanced XTAL Products AXDA9000 Datasheet HTML 3Page - Advanced XTAL Products AXDA9000 Datasheet HTML 4Page - Advanced XTAL Products AXDA9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXDA9000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max.
Unit
Condition
Available frequencies
5
100
MHz
Standard frequencies
5.000 / 10.000 / 100.000
MHz
RF Input
Number of inputs
1
Input impedance
50
Ω
Input level operating (Note 2)
+0
+15
dBm
Input level nominal (Note 2)
+7
+12
dBm
Recommended level
Input VSWR
1.2
@ nominal frequency
RF outputs
RF output ports
4, 8, 16
Option 1
Signal waveform
Sine wave
Load RL
50
Ω
±10%
Output VSWR
1.2
@ nominal frequency
Output level per channel
+14
+16
dBm
(Note 3)
Isolation reverse & output
100
dB
Harmonics
-60
-50
dBc
Spurious
-90
dBc
AC Supply voltage VS
100
230
240
V
AC Supply input frequency
50
60
Hz
Power consumption
20
W
Operating temperature range
-10
+60
°C
Enclosure (see drawing) (WxDxH)
483x250x44
mm
RF Connectors
BNC female
@ Rear plate
Weight
4
kg
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
AC input indicator “green” above +5 dBm, AC overload indicator “red” above +16 dBm
3.
Unused outputs must be terminated with 50 Ω
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
AC Supply Voltage VS
90
260
V
AC Supply input frequency
47
63
Hz
AC Supply input current
1
A
Fuse accessible at rear plate
Maximum RF input level
+20
dBm
Load RL
0
∞
Ω
No damage
Storage Temperature
-20
+70
°C
Ordering Code
Model
Option 1
[Output ports]
Revision
Frequency [MHz]
AXDA9000
4, 8, 16
Rev.1
10.000
Example: AXDA9000-16_Rev.1 – 10.000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com