Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXDA9000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXDA9000
Description  Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXDA9000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXDA9000 Datasheet HTML 1Page - Advanced XTAL Products AXDA9000 Datasheet HTML 2Page - Advanced XTAL Products AXDA9000 Datasheet HTML 3Page - Advanced XTAL Products AXDA9000 Datasheet HTML 4Page - Advanced XTAL Products AXDA9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXDA9000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXDA9000
Rev.: 1
Date: 2016-07-04
Type:
Low Noise Selective Distribution Amplifier in 19” rack (1 HU)
Features:
Ultra-Low Phase Noise
Up to 16 outputs
Very high inter-channel and reverse isolation
Centre frequencies 5 MHz, 10 MHz or 100 MHz standard,
any frequency between 5 MHz and 100 MHz available
Best suited to distribute AXTAL 9000 Series references
Slim 19” rack with 1 HU
Available frequency references for AXDA9000:
Item
(D)OCXO
GPS-disciplined
OCXO
Rubidium
Model
AXIOM9000
AXGPS9000
AXRB9000
Features
DOCXO option
Ultra-low noise
Very high stability
Low noise
Stability 10
-11
Excellent long-term
stability


Similar Part No. - AXDA9000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AXDBG-2-GEVK ONSEMI-AXDBG-2-GEVK Datasheet
535Kb / 4P
AX Development Systems - Troubleshooting Guide
June, 2017 - Rev. 0
logo
ML Accessories Limited....
AXDMOD KNIGHTSBRIDGE-AXDMOD Datasheet
164Kb / 1P
AXEL - DALI Control Module
07/05/2024
logo
Advanced XTAL Products
AXDO9000 AXTAL-AXDO9000 Datasheet
414Kb / 5P
Very High Frequency Stability
2016-07-04
AXDO9000 AXTAL-AXDO9000 Datasheet
479Kb / 5P
Very High Frequency Stability
2016-07-01
AXDO9000 AXTAL-AXDO9000 Datasheet
269Kb / 5P
High Stability Low Noise Rubidium Frequency Reference
More results

Similar Description - AXDA9000

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8061 TRIQUINT-TGA8061 Datasheet
580Kb / 7P
.1 - 3.5 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
1 GHz Low Noise Silicon MMIC Amplifier
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
logo
Analog Devices
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
logo
NXP Semiconductors
BGU7044 PHILIPS-BGU7044 Datasheet
163Kb / 10P
1 GHz wideband low-noise amplifier
Rev. 1-2 January 2012
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
Low Noise Amplifier 1 ??4 GHz
logo
Tripp Lite. All Rights ...
B021-000-17 TRIPPLITE-B021-000-17 Datasheet
521Kb / 2P
1U Rack-Mount Console with 19-in. LCD
logo
Analog Devices
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
logo
Advanced XTAL Products
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
2018-08-27
AXRB9000 AXTAL-AXRB9000_18 Datasheet
237Kb / 5P
High Stability Low Noise Rubidium Frequency Reference in 19??rack (2 HU) with up to 3 outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com