Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE135M Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXE135M
Description  Crystal Oscillator (SPXO) in DIL8 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE135M Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXE135M Datasheet HTML 1Page - Advanced XTAL Products AXE135M Datasheet HTML 2Page - Advanced XTAL Products AXE135M Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AXE135M Rev.2
 
ww.axtal.com 
Roemerring 9 
Drawing D2 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 2(3) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
 
 
Frequency stability vs. temperature 
 
Option 3 
Stability  
Lower Temperature
 
Upper Temperature 
[ppm] 
 
Option 4
T [°C]
Option 4
T [°C] 
10 
±10  
0 
0
A
+50
15 
±15  
1 ‐10
B
+60
20 
±20  
2 ‐20
C
+70
30 
±30  
3 ‐30
D
+75
50 
±50  
4 ‐40
E
+80
100 
±100  
5 ‐55
F
+85
  
 
 
G
+105 
  
 
 
H
+125 
Table 1     
Table 2 
 
Note: Not all combinations of stability and temperature range are available. Please consult factory
 
 
Ordering Code 
Model 
Option 1 
[Supply Voltage] 
Option 2 
[RF output]
Option 3
[Stability] 
Option 4
[Temperature range] 
Revision  Frequency [MHz] 
AXE135M 
3 or 5 
S, H, P, L 
Table 1
Table 2
Rev.2 
10.000 
Example: AXE135M‐5‐S‐10‐1B_Rev.2 – 10.000 MHz 
 
 
Enclosure drawing 
 
 
 
 
Pin connections 
 
Sine wave and HCMOS Output: 
Pin #
Symbol
Function 
1
OE
Output Enable/Disable
2
GND
Ground 
3
RF OUT
RF Output 
4
Vs
Supply Voltage 
 
PECL and LVDS Output:  
Pin #
Symbol
Function 
1
N.C. or
Comp OUT 
No connection or 
Complementary RF Output
2
GND
Ground 
3
RF OUT
RF Output 
4
Vs
Supply Voltage 
 
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com