Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE135M Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE135M
Description  Crystal Oscillator (SPXO) in DIL8 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE135M Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE135M Datasheet HTML 1Page - Advanced XTAL Products AXE135M Datasheet HTML 2Page - Advanced XTAL Products AXE135M Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXE135M Rev.2
 
ww.axtal.com 
Roemerring 9 
Drawing D2 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 1(3) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXE135M 
Rev.: 2 
Date: 2015‐11‐23 
Oscillator type:  Crystal Oscillator (SPXO) in DIL8 package
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Frequency range 
0.1
10 
1 
60
50 
800 
MHz
MHz 
MHz 
HCMOS 
Sine wave 
PECL / LVDS 
Frequency stability 
 
Overall stability 
±20 to ±100
ppm
(Note 2) 
vs. operating temperature range 
±10 to ±50
See tables 1 & 2 
ppm
Option 3 & 4 
     Long term (aging) per year 
± 3
ppm
 
RF output 
Signal waveform 
Sine wave
HCMOS/TTL 
PECL 
LVDS  
Option 2 = “S” 
Option 2 = “H” 
Option 2 = “P” 
Option 2 = “L” 
Load 
50 Ω
15 pF or 2 TTL 
50 Ω + Bias 
Option 2 = “S” 
Option 2 = “H” 
Option 2 = “P” or “L” 
Amplitude 
0
+10 
dBm
dBm 
Option 2 = “S” / 3.3 V
Option 2 = “S” / 5.0 V 
According to relevant Logic Standard
Option 2 = “H”, “P”,“L”
Symmetry (duty cycle)
40
45 
60
55 
%
% 
Option 2 = “H” 
Option 2 = “P”, or “L” 
Oscillator Enable/Disable function 
(HCMOS and Sine wave output only) 
Enable:  Pin 1 High or Open
Disable: Pin 1 Low 
VH ≥ 2.0 V 
VL ≤ 0.8 V 
Supply voltage VS 
3.15
4.75 
3.3
5.0 
3.45
5.25 
V
V 
Option 1 = “3” 
Option 1 = “5” 
Current consumption (steady state) 
(Note 3) 
15 ~ 30
25 ~ 100 
25 ~ 100 
mA
mA 
mA 
Option 2 = “S” 
Option 2 = “H” 
Option 2 = “P” or “L” 
Enclosure (see drawing) (LxWxH) 
12.7x12.7x5.1 max.
mm
IEC 60679‐3 CO 21
Weight 
5
g
 
Packing 
Tube or Pallet
IEC 60286‐3 
Screening Option (MIL‐PRF‐55310 
Level B or C
On request 
Notes: 
1.
Terminology and test conditions are according to IEC60679‐1 and MIL‐PRF‐55310, unless otherwise stated 
2.
Overall tolerance includes initial tolerance, stability over temperature, pushing, pulling and vibration 
3.
Depending on frequency and supply voltage 
4.
All combinations of options might not be available. Please consult factory 
 
 
Absolute Maximum Ratings 
Parameter 
min.
max.
Unit
Condition 
Supply Voltage VS 
‐0.5
VS + 10%
V
VS to GND 
Operable Temperature ‐55
+125
°C
Storage Temperature ‐55
+125
°C
 
 


Similar Part No. - AXE135M

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
PXO for WLAN Test Equipment
Date: 2004-03-24
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1000 MHz
2008-01-25
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
More results

Similar Description - AXE135M

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
SG-310 EPSONTOYOCOM-SG-310 Datasheet
227Kb / 1P
CRYSTAL OSCILLATOR SPXO
logo
Epson Company
SG-210STF EPSON-SG-210STF Datasheet
376Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
SG5032CAN EPSON-SG5032CAN Datasheet
404Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
logo
Seiko Instruments Inc
SG2016CAN SII-SG2016CAN Datasheet
419Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
TCO-7106 SII-TCO-7106 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
TCO-7107 SII-TCO-7107 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
logo
Advanced XTAL Products
AXE25 AXTAL-AXE25 Datasheet
102Kb / 3P
Crystal Oscillator (SPXO) in double-sealed DIL14 package
2014-04-04
AXE50 AXTAL-AXE50 Datasheet
138Kb / 3P
Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
AXE55 AXTAL-AXE55 Datasheet
138Kb / 3P
Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
AXE7050M AXTAL-AXE7050M Datasheet
158Kb / 3P
Crystal Oscillator (SPXO) in 7x5 mm package
2015-11-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com