Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM2000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM2000
Description  Ultra-Low Phase Noise OCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM2000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM2000 Datasheet HTML 1Page - Advanced XTAL Products AXIOM2000 Datasheet HTML 2Page - Advanced XTAL Products AXIOM2000 Datasheet HTML 3Page - Advanced XTAL Products AXIOM2000 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM2000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM2000
Rev.: 1
Date: 2016-08-19
Oscillator type:
Ultra-Low Phase Noise OCXO
3 UHF outputs with different frequencies
Features:
Internal Ultra-Low Phase Noise Reference OCXO
1 direct OCXO output and 2 user definable multiplied outputs
Phase coherent outputs
Customizable frequency source
Parameter
min.
typ.
max. Unit
Condition
96.000,mnbnbbn,
Nominal output frequency range RF1
50
160
MHz
ULN OCXO
Nominal output frequency range RF2
600
1600
MHz
Multiplied RF1 (Note 2)
Nominal output frequency range RF3
1200
3200
MHz
Frequency = 2x RF2
Frequency stability
Initial tolerance @ +25°C
±300
ppb
@ VC=2.5 V
vs. operating temperature range
±50
ppb
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
Long term (aging) per day
±1
±2
ppb
after 30 days operation
Long term (aging) per year
±100
±200
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±1
ppm
EFC voltage VC
0
5
V
(Note 3)
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output RF1
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+10
dBm
Harmonics
-35
-30
dBc
Spurious
-90
dBc
Phase noise @ 100 MHz (Note 4)
-100
-130
-160
-170
-175
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
Short-term stability (Allan deviation)
5·10
-12
1·10
-11
@ τ = 1 sec
RF output RF2
Phase coherent to RF1 (OCXO)
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+10
+13
dBm
Harmonics
-50
-40
dBc
Sub-harmonics (multiples of RF1)
-50
-45
dBc
Spurious
-90
dBc
Phase noise
Consult factory


Similar Part No. - AXIOM2000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20 AXTAL-AXIOM20 Datasheet
58Kb / 2P
OCXO in DIL14 package, HCMOS Output
2005-07-15
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
AXIOM20-23 AXTAL-AXIOM20-23 Datasheet
93Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-25 AXTAL-AXIOM20-25 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-26 AXTAL-AXIOM20-26 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
More results

Similar Description - AXIOM2000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM50 AXTAL-AXIOM50 Datasheet
92Kb / 2P
VHF OCXO - Ultra low noise
2008-01-25
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM75LG AXTAL-AXIOM75LG Datasheet
132Kb / 4P
Ultra-Low Phase Noise OCXO with Low G-Sensitivity
AXPLO2700 AXTAL-AXPLO2700 Datasheet
207Kb / 4P
Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXPLO2600 AXTAL-AXPLO2600 Datasheet
192Kb / 4P
UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com