Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM2000 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM2000
Description  Ultra-Low Phase Noise OCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM2000 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM2000 Datasheet HTML 1Page - Advanced XTAL Products AXIOM2000 Datasheet HTML 2Page - Advanced XTAL Products AXIOM2000 Datasheet HTML 3Page - Advanced XTAL Products AXIOM2000 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM2000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max. Unit
Condition
96.000,mnbnbbn,
RF output RF3
Phase coherent to RF1 (OCXO)
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
0
+4
dBm
Harmonics
-50
-40
dBc
Sub-harmonics (multiples of RF1/RF2)
-45
-40
dBc
Spurious
-90
dBc
Phase noise
Consult factory
Warm-up time @ +25°C
3
5
min
∆ffinal/f0 < ±0.1 ppm
Supply voltage VS
11.4
12.0
12.6
V
Current consumption (warm-up)
600
mA
Current consumption (steady state)
350
mA
@ +25°C
Operating temperature range
-10
+60
°C
Enclosure (see drawing) (LxWxH)
60x60x30 max.
mm
Weight
200
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Frequency RF2 must be an integer multiple of frequency RF1 (ULN OCXO)
3.
Other tuning voltages on request.
4.
Please consult factory for phase noise of other frequencies
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
15
V
VC to GND
Storage Temperature
-55
+105
°C
Ordering Code
Model
Output
Frequency RF1
[MHz]
Output
Frequency RF2
[MHz]
Output
Frequency RF3 *
[MHz]
Revision
AXIOM2000
100
1600
3200
Rev.1
Example: AXIOM2000-100-1600-3200_Rev.1 – 100.000 MHz
*Output frequency RF3 is optional



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com