Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXGS20 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXGS20
Description  SAW Oscillator in SMD Package with Gating Option
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGS20 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXGS20 Datasheet HTML 1Page - Advanced XTAL Products AXGS20 Datasheet HTML 2Page - Advanced XTAL Products AXGS20 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXGS20 Rev.1 
www.axtal.com 
Roemerring 9 
Drawing D0 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 1(3) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
Specification  
AXGS20 
Rev.: 1 
Date: 2016‐03‐19 
Oscillator type:  SAW Oscillator in SMD Package with Gating Option 
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Frequency Range 
950
1532
MHz
Standard frequencies 
970/1030/1090/1150/1532 MHz
Frequency stability 
Initial tolerance at @ +25°C 
±150
ppm
vs. operating temperature range   
±350
ppm
Ref. to (fmax+fmin)/2
      Long term (aging) per year 
±5
ppm
Gate function (optional) 
Option 1
      Low level input voltage VGL 
0
1.5
V
      High level input voltage VGH 
3.5
5.0
5.5
V
      Input resistance 
10
kΩ
      Input capacitance 
5
10
pF
      Turn‐on time 
40
ns
      Turn‐off time 
30
ns
RF output 
Signal waveform 
Sine wave
Load RL 
50
Ω
Output level Gate ON 
+9
+11
+13
dBm
@ VGATE > +3.5 V 
Output level Gate OFF
‐50
dBm
@ VGATE < +1.5 V 
Harmonics ‐30
dBc
Subharmonics 
none
Supply voltage VS 
4.75
5.0
5.25
V
Current consumption 
      Gate ON (@ VGATE > +3.5 V) 
     Gate OFF  (@ VGATE < +1.5 V) 
45 
10 
60 
20 
mA 
mA 
 
Operating temperature range 
‐40
+85
°C
Enclosure (see drawing) (LxWxH) 
20.7x13.1x5.2 max.
mm
IEC 60679‐3 CO 02
Weight 
5
g
Packing 
Palette or Tube
IEC 60286‐3 
Notes: 
1.
Terminology and test conditions are according to IEC60679‐1 and MIL‐PRF‐55310, unless otherwise stated 
 
Absolute Maximum Ratings 
Parameter 
min.
max.
Unit
Condition 
Supply Voltage VS 
‐0.5
VS + 10%
V
VS to GND 
Gate Voltage VGATE 
‐0.5
7.0
V
VGATE to GND 
Storage Temperature ‐55
+125
°C
 
 
Ordering Code 
Model 
Option 
[Gate Function] 
Revision Frequency [MHz] 
AXGS20 
G = With Gate function 
Blank = No Gate function 
Rev.1
1090.000
Example: AXGS20G_Rev.1‐1090.000MHz, or AXGS20_Rev.1‐1090.000MHz 
 
  


Similar Part No. - AXGS20

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGS10 AXTAL-AXGS10 Datasheet
237Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2016-03-22
AXGS10 AXTAL-AXGS10 Datasheet
238Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2018-01-18
AXGS10G-21 AXTAL-AXGS10G-21 Datasheet
224Kb / 3P
Gated SAW Oscillator in SMD Package
2013-03-04
AXGS10G-25 AXTAL-AXGS10G-25 Datasheet
319Kb / 3P
Gated SAW Oscillator in SMD Package
2013-03-04
AXGS10 AXTAL-AXGS10_18 Datasheet
238Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2018-01-18
More results

Similar Description - AXGS20

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGS10 AXTAL-AXGS10 Datasheet
237Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2016-03-22
logo
Xilinx, Inc
DS556 XILINX-DS556 Datasheet
364Kb / 19P
Available in the following package option
logo
Advanced XTAL Products
AXGS10 AXTAL-AXGS10_18 Datasheet
238Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2018-01-18
AXGS10G-21 AXTAL-AXGS10G-21 Datasheet
224Kb / 3P
Gated SAW Oscillator in SMD Package
2013-03-04
AXGS10G-25 AXTAL-AXGS10G-25 Datasheet
319Kb / 3P
Gated SAW Oscillator in SMD Package
2013-03-04
logo
Suzhou HangJing Electro...
CO21H4 HANGJING-CO21H4 Datasheet
447Kb / 1P
OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 2.0X1.6MM CERAMIC SEAM SEAL PACKAGE.
CO22H4 HANGJING-CO22H4 Datasheet
463Kb / 1P
OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 2.5X2.0MM CERAMIC SEAM SEAL PACKAGE.
CO53D6 HANGJING-CO53D6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL PACKAGE.
CO75D6 HANGJING-CO75D6 Datasheet
394Kb / 1P
OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 7.0X5.0MM CERAMIC SEAM SEAL PACKAGE.
CO75C6 HANGJING-CO75C6 Datasheet
394Kb / 1P
OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 7.0X5.0MM CERAMIC SEAM SEAL PACKAGE.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com