Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXGS20 Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXGS20
Description  SAW Oscillator in SMD Package with Gating Option
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGS20 Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXGS20 Datasheet HTML 1Page - Advanced XTAL Products AXGS20 Datasheet HTML 2Page - Advanced XTAL Products AXGS20 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXGS20 Rev.1 
www.axtal.com 
Roemerring 9 
Drawing D0 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 3(3) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Environmental conditions 
Test 
IEC 
60068 
Part … 
IEC 
60679‐1 
Clause 
MIL‐STD‐ 
202G 
Method 
MIL‐STD‐ 
810F 
Method 
MIL‐PRF‐ 
55310D 
Clause 
Test conditions (IEC) 
Sealing tests 
(if applicable) 
2‐17 
5.6.2 
112E  
3.6.1.2 
Gross leak: Test Qc, 
Fine leak: Test Qk 
Solderability 
Resistance to 
soldering heat  
2‐20 
2‐58 
5.6.3 
208H 
210F 
 
3.6.52 
3.6.48 
Test Ta Method 1  
Test Td1 Method 2 
Test Td2 Method 2 
Shock* 
2‐27 
5.6.8 
213B 
516.4 
3.6.40 
Test Ea, 3 x per axes 100g, 
6 ms half‐sine pulse 
Vibration, 
sinusoidal* 
2‐6 
5.6.7.1 
201A 
204D 
516.4‐4 
3.6.38.1 
3.6.38.2 
Test Fc, 30 min per axes, 
10 Hz ‐ 55 Hz 0,75mm; 55 Hz ‐ 2 kHz, 10g 
Vibration, 
random* 
2‐64 
5.6.7.3 
214A 
514.5 
3.6.38.3 
3.6.38.4 
Test Fdb 
Endurance tests 
‐ ageing 
‐ extended aging 
  
5.7.1 
5.7.2 
108A  
 
4.8.35 
 
30 days @ 85°C, OCXO @25°C 
1000h, 2000h, 8000h @85°C 
Other environmental conditions on request 
 
Data sheet is for information purposes only and may be subject to modifications or may be discontinued without notice.
 
 
 
Revision History 
Rev. 
Drawing 
Date 
[dd.mm.yyyy] 
Remarks 
Author 
Checked 
1 
D0 
19.03.2016 
First issue AXGS20 
BN 
BN 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com