Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2145
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2145 Datasheet HTML 7Page - Micrel Semiconductor MIC2145 Datasheet HTML 8Page - Micrel Semiconductor MIC2145 Datasheet HTML 9Page - Micrel Semiconductor MIC2145 Datasheet HTML 10Page - Micrel Semiconductor MIC2145 Datasheet HTML 11Page - Micrel Semiconductor MIC2145 Datasheet HTML 12Page - Micrel Semiconductor MIC2145 Datasheet HTML 13Page - Micrel Semiconductor MIC2145 Datasheet HTML 14Page - Micrel Semiconductor MIC2145 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
May 2003
13
MIC2145
MIC2145
Micrel
L1
10
µH
Sumida
CR32-100
MIC2145
D1
On Semiconductor
MBR0530T1
RSET
EN
PGND
SW
R4
1M
R3
121k
C3
100pF
VOUT
10.0V
VDD
FB
SGND
R1
100k
JP1
VIN
3.0V-5.0V
SS
C2
0.01
µF
C1
10
µF/6.3V
Murata
GRM42-6 X5R 106K 6.3
R2
10k
C4
10
µF/16V
Murata
GRM42-2 X5R 106K 16
V
N
I
V
T
U
O
d
a
o
Le
g
a
t
l
o
V
e
l
p
p
i
Ry
c
n
e
i
c
i
f
f
E
VV
A
m)
k
a
e
p
-
k
a
e
p
(
V
m%
0
.
30
.
0
10
5
10
0
2
<3
8
60
65
70
75
80
85
90
10
100
1000
OUTPUT CURRENT (mA)
10V Output
Efficiency
V
IN = 3.0V
Figure 9. LCD Application — Bootstrap Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com