Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145BMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2145BMM
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145BMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2145BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 9Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 10Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 11Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 12Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 13Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 14Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
May 2003
11
MIC2145
MIC2145
Micrel
Diode
A Schottky diode should be used for the output diode. Most
of the application circuits on this data sheet specify the
Motorola MBR0530 surface mount Schottky diode. It has a
forward current of 0.5A and a low forward voltage drop. For
applications that are cost driven, the 1N4148 or equivalent
can be used but the efficiency will suffer due to higher forward
voltage drop.
Output Capacitor
Low ESR capacitors should be used at the output of the
MIC2145 to minimize the switching output ripple voltage.
Selection of the capacitor value will depend upon the peak
inductor current, inductor size, and the load. MuRata offers
the GRM43-2 series with up to 10
µF at 25V, with a X5R
temperature coefficient in a 1812 surface-mount package.
For lower output voltage applications, the GRM42-2 (1210
package/10
µF/16V) and GRM42-6 (1206 package/10µF/
6.3V) series can be used. Typically, values ranging from
10
µF to 47µF can be used for the output capacitor.
Reducing Peak Current
If lower than 400mA peak current is required then the soft
start pin may be shorted to ground. This changes the refer-
ence of the current limit comparator. With the soft start pin
shorted to ground, the maximum current will approximately
reduce to half. The peak current should always be set at least
50% higher than the maximum load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com