Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145BMM Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2145BMM
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145BMM Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2145BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 9Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 10Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 11Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 12Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 13Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 14Page - Micrel Semiconductor MIC2145BMM Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MIC2145
Micrel
MIC2145
12
May 2003
Pre-designed Application Circuits
L1
4.7
µH
Murata
LQH3C4R7M24
MIC2145
D1
On Semiconductor
MBR0530T1
RSET
EN
VDD
SW
R4
1M
R3
274k
C3
100pF
VOUT
5V
PGND
FB
SGND
R1
100k
JP1
VIN
3.0V-4.2V
SS
C2
0.01
µF
C1
10
µF/6.3V
Murata
GRM42-6 X5R 106K 6.3
R2
10k
C4
10
µF/6.3V
Murata
GRM42-6 X5R 106K 6.3
LED1
RR
R
LED2
LEDn
V
N
I
V
T
U
O
d
a
o
Le
g
a
t
l
o
V
e
l
p
p
i
Ry
c
n
e
i
c
i
f
f
E
VV
A
m)
k
a
e
p
-
k
a
e
p
(
V
m%
6
.
30
.
50
40
0
1
<5
8
60
65
70
75
80
85
90
1
10
100
1000
OUTPUT CURRENT (mA)
5V Output
Efficiency
V
IN = 3.6V
Figure 8. White LED Driver Application (Drives 1 to 10 LEDs in Parallel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com