Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIS80 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS80
Description  Wide-pull VHF/UHF VCXO with High Linearity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS80 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS80 Datasheet HTML 1Page - Advanced XTAL Products AXIS80 Datasheet HTML 2Page - Advanced XTAL Products AXIS80 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIS80 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261)939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS80
Rev.: 1
Date: 2014-04-05
Oscillator type:
Wide-pull VHF/UHF VCXO with High Linearity
in connectorized package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
90
400
MHz
Frequency stability
ppm
Initial tolerance
±200
ppm
vs. operating temperature
±10
±20
ppm
(Note 2)
vs. supply voltage variation
±10
ppm
VS ±5%
vs. load change
±10
ppm
RL ±10%
Long term (aging) per year
±5
ppm
Frequency adjustment range
Electronic Frequency Control (EFC)
±1000
ppm
(Note 3)
EFC voltage VC
-5
+5
V
EFC slope (∆f / ∆VC)
Negative
EFC non-linearity
±5
%
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load
50
Ω
±10 %
Output level
+10
+13
dBm
Harmonics
-30
dBc
Sub-harmonics
-45
-40
dBc
(Note 4)
Spurious
-80
dBc
Phase noise @ 360 MHz
-95
-90
dBc/Hz
@ 1 KHz
Supply voltage VS
14.25
15.0
15.75
V
Current consumption
120
mA
@ 25°C
Warm-up time @ 25°C
2
min
(Note 5)
Operating temperature range
0
+50
°C
(Note 2)
Enclosure (see drawing) (LxWxH)
54x40x19
mm
h = 2.0 mm
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stabilities over temperature on request
3.
Other tuning characteristics on request
4.
Multiplication factor depends on frequency. Please consult factory
5.
Oscillator is fully compliant after specified warm-up time
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-10
+10
V
VC to GND
Storage Temperature
-55
+125
°C


Similar Part No. - AXIS80

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
AXIS10LN AXTAL-AXIS10LN Datasheet
105Kb / 4P
Low Phase Noise SMD VCXO with HCMOS Output
AXIS135M AXTAL-AXIS135M Datasheet
101Kb / 3P
VCXO in DIL8 package
More results

Similar Description - AXIS80

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
VHF UHF WIDE BAND AMPLIFIER
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
VHF~UHF WIDE BAND AMPLIFIER
TA4003F TOSHIBA-TA4003F Datasheet
168Kb / 5P
VHF~UHF WIDE BAND AMPLIFIER
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
VHF~UHF WIDE BAND AMPLIFIER
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
VHF~UHF Wide Band Amplifier
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
VHF~UHF Wide Band Amplifier
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
BFY90 NJSEMI-BFY90 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
logo
Advanced XTAL Products
AXIS90 AXTAL-AXIS90 Datasheet
103Kb / 3P
Wide-pull VHF/UHF VCXO in connectorized package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com