Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIS80 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIS80
Description  Wide-pull VHF/UHF VCXO with High Linearity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS80 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIS80 Datasheet HTML 1Page - Advanced XTAL Products AXIS80 Datasheet HTML 2Page - Advanced XTAL Products AXIS80 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIS80 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261)939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Ordering Code
Model
Revision
Frequency [MHz]
AXIS80
Rev.1
360.000
Example: AXIS80_Rev.1 – 360.000 MHz
Enclosure drawing
Pin connections
Pin#
Symbol
Function
1
VC
Control Voltage (EFC)
2
GND
Ground
3
VS
Supply Voltage
SMA
RF OUT
RF Output
Handling and Testing
Parameter
Procedure
Source
Handling and Testing
Application Note AXAN-011
www.axtal.com
Processing
Application Note AXAN-012
www.axtal.com
Parameter
Procedure
Condition
Electrostatic discharge (ESD)
THD devices
IEC60749-26
HBM
2000 V
SMD devices
IEC60749-27
MM
200 V
Washable
Yes
No
RoHS compliant
Yes
No



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com