Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE145 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE145
Description  SMD (VC)TCXO in CO 26 or CO27 package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE145 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE145 Datasheet HTML 1Page - Advanced XTAL Products AXLE145 Datasheet HTML 2Page - Advanced XTAL Products AXLE145 Datasheet HTML 3Page - Advanced XTAL Products AXLE145 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXLE145 Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D3 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 1(4) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXLE145 
Rev.: 1 
Date: 2015‐10‐07 
Oscillator type:  SMD (VC)TCXO in CO 26 or CO27 package
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Frequency range 
10
10 
1 
50
50 
800 
MHz
MHz 
Clipped Sine wave
Sine wave 
HCMOS, PECL, LVDS 
Frequency stability 
ppm
 
vs. operating temperature range 
±0.5 to ±5
See tables 1 & 2 
ppm
Option 4 & 5 
vs. supply voltage variation 
±0.1
±0.3
ppm
VS ±5 % 
vs. load change 
±0.2
ppm
Load ±10 % 
      Long term (aging) per year 
±1
ppm
@+40°C 
Frequency adjustment range 
Mechanical (internal trimmer) 
±3
ppm
Option 1 = blank 
Electronic Frequency Control (EFC) 
±5
ppm
Option 1 = “V” 
      EFC voltage  VC 
0.15
0.5 
1.65
2.5 
3.15
4.5 
V
V 
Option 2 = “3” 
Option 2 = “5” 
      EFC slope (f / VC) 
Positive
 
      EFC input impedance 
100
kΩ 
RF output 
Signal waveform 
Clipped Sine wave
Sine wave 
HCMOS 
PECL 
LVDS 
Option 3 = “C” 
Option 3 = “S” 
Option 3 = “H” 
Option 3 = “P” 
Option 3 = “L” 
Load 
10 kΩ || 10 pF
50 Ω 
15 pF 
50 Ω + Bias 
Option 3 = “C” 
Option 3 = “S” 
Option 3 = “H” 
Option 3 = “P” or “L” 
     Amplitude 
0.8
1.0 
  
V p‐p
V p‐p 
Option 3 = “C” / 3.3 V
Option 3 = “C” / 5.0 V 
 
0 
+10 
 
dBm 
dBm 
Option 3 = “S” / 3.3 V 
Option 3 = “S” / 5.0 V 
According to relevant Logic Standard
Option 3 = “H”, “P”, “L”
Supply voltage VS 
3.15
4.75 
3.3
5.0 
3.45
5.25 
V
V 
Option 2 = “3” 
Option 2 = “5” 
Current consumption 
(Note 2) 
2 ~ 30
12 ~ 30 
15 ~ 50 
25 ~ 100 
mA
mA 
mA 
mA 
Option 3 = “C” 
Option 3 = “S” 
Option 3 = “H” 
Option 3 = “P” or “L” 
Enclosure (see drawing) (LxWxH)
 (Note 3) 
14.8x9.2x5.5 max.
Package option “A”: 4‐pad 
Package option “B”: 6‐pad 
mm
IEC 61837   
CO 26 (4‐pad) or  
CO 27 (6‐pad) 
Weight 
2
g
 
Packing 
Tape & Reel
IEC 60286‐3 
Notes: 
1.
Terminology and test conditions are according to IEC60679‐1 and MIL‐PRF‐55310, unless otherwise stated 
2.
Depending on frequency and supply voltage 
3.
The 6‐pad version CO 27 is needed for LVDS and PECL output 
4.
All combinations of options might not be available. Please consult factory 
 


Similar Part No. - AXLE145

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE145HF AXTAL-AXLE145HF Datasheet
102Kb / 3P
High Frequency SMD (VC)TCXO in 9x14 mm Package High Stability, Ultra-Low Jitter and Low-G Sensitivity
More results

Similar Description - AXLE145

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
AXLE114 AXTAL-AXLE114 Datasheet
108Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm gull wing package
2014-04-06
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
SMD (VC)TCXO in gull wing package
AXLE195 AXTAL-AXLE195 Datasheet
103Kb / 4P
SMD (VC)TCXO in 19.8x12.5 mm package
AXLE195A AXTAL-AXLE195A Datasheet
114Kb / 3P
SMD (VC)TCXO in 19.8x12.5 mm package
2014-09-12
AXLE207M AXTAL-AXLE207M Datasheet
113Kb / 4P
(VC)TCXO in DIL14 package
2014-04-06
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE195B AXTAL-AXLE195B Datasheet
188Kb / 4P
SMD (VC)TCXO in 18.8x12.2 mm low profile package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com