Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE145 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXLE145
Description  SMD (VC)TCXO in CO 26 or CO27 package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE145 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXLE145 Datasheet HTML 1Page - Advanced XTAL Products AXLE145 Datasheet HTML 2Page - Advanced XTAL Products AXLE145 Datasheet HTML 3Page - Advanced XTAL Products AXLE145 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXLE145 Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D3 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 2(4) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Absolute Maximum Ratings 
Parameter 
min.
max.
Unit
Condition 
Supply Voltage VS 
‐0.5
VS + 10%
V
VS to GND 
Control Voltage VC 
‐0.5
6
V
VC to GND 
Storage Temperature ‐55
+105
°C
 
 
Frequency stability vs. temperature 
 
Option 4 
Stability  
Lower Temperature
 
Upper Temperature 
[ppm] 
 
Option 5
T [°C]
Option 5
T [°C] 
05 
±0.5  
0 
0
A
+50
10 
±1.0  
1 ‐10
B
+60
15 
±1.5  
2 ‐20
C
+70
20 
±2.0  
3 ‐30
D
+75
25 
±2.5  
4 ‐40
E
+80
30 
±3.0  
 
F
+85
35 
±3.5  
 
50 
±5.0  
 
Table 1     
Table 2
 
 
 
Ordering Code 
Model 
Package 
option* 
Option 1 
[EFC]* 
Option 2
[Supply 
Voltage] 
Option 3
[RF 
output] 
Option 4
[Stability] 
Option 5 
[Temperature 
range] 
Revision  Frequency [MHz] 
AXLE145 
A or B 
_ or “V” 
3 or 5
C, S, H, P, L
Table 1
Table 2 
Rev.1 
10.000
*Package option “A” = standard, except for PECL and LVDS output 
Example: AXLE145A‐V‐5‐S‐10‐3D_Rev.1 – 10.000 MHz
 
 
 
Handling and Testing 
Parameter 
Procedure
Source 
Handling and Testing 
Application Note AXAN‐011
www.axtal.com 
Processing 
Application Note AXAN‐012
www.axtal.com 
 
Parameter 
Procedure
Condition 
Electrostatic discharge (ESD) 
      THD devices 
IEC60749‐26
HBM
2000 V 
      SMD devices 
IEC60749‐27
MM
200 V 
Washable 
  Yes      No
RoHS compliant 
  Yes      No
 
 
 
 
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com