Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE5032LN Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE5032LN
Description  AXLE5032LN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE5032LN Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE5032LN Datasheet HTML 1Page - Advanced XTAL Products AXLE5032LN Datasheet HTML 2Page - Advanced XTAL Products AXLE5032LN Datasheet HTML 3Page - Advanced XTAL Products AXLE5032LN Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXLE5032LN Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 1(4) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXLE5032LN
Rev.: 1 
Date: 2016‐01‐30 
Oscillator type:  Low Noise High Stability (VC)TCXO in 5x3.2 mm package
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Frequency range 
10
52
MHz
 
Nominal frequencies 
10, 12.8, 13, 16, 16.384, 20, 
25, 26, 40, 50 
MHz
Other frequencies on 
request 
Frequency stability 
 
       Initial tolerance @ 25°C
±1
ppm
@ VCnom       Note 2
vs. operating temperature range 
± 0.2 to ± 2.0
ppm
Option 4&5 (Tables 1~3)
vs. supply voltage variation 
±0.05
ppm
VS ±5 % 
vs. load change 
±0.05
ppm
Load ±10 % 
      Long term (aging) 1
st  year 
±1
ppm
@+40°C      Note 3
Frequency adjustment range 
Electronic Frequency Control (EFC) 
±5
±10
ppm
Option 1 = “V” 
      EFC voltage  VC 
0.5
1.5
2.5
V
 
      EFC slope (f / VC) 
Positive
 
      EFC input impedance 
100
kΩ 
RF output 
Signal waveform 
Clipped Sine Wave
HCMOS 
Option 3 = “C” 
Option 3 = “H” 
Load 
10 kΩ || 10 pF
12 pF  (15 pF max.) 
Option 3 = “C” 
Option 3 = “H” 
     Amplitude (peak‐peak)
0.8
V
Option 3 = “C” 
      VOL 
0.4
V
Option 3 = “H” 
      VOH 
2.4
V
      Duty cycle 
45
55
%
      Rise/fall time 
6
ns
Phase noise @ 10.000 MHz  
  *with EFC‐function (Option 1 = “V”) 
 **without EFC‐function (Option 1 = “_”)
‐120*
‐140* 
‐153* 
‐125**
‐145** 
‐155** 
dBc/Hz
dBc/Hz 
dBc/Hz 
@ 100 Hz 
@ 1 kHz 
@ 10 kHz ~ 100 kHz 
Enable/Disable funtion 
 
Supply voltage VS    (Note 4)  
2.565
4.75 
2.7
5.0 
2.835
5.25 
V
V 
Option 2 = “27” 
Option 2 = “50” 
Current consumption 
3
8 
mA
mA 
Option 3 = “C” 
Option 3 = “H” 
Enclosure (see drawing) (LxWxH) 
5.0x3.2x1.5
mm
 
Weight 
3
g
 
Packing 
Tape & Reel
IEC 60286‐3 
Notes: 
1.
Terminology and test conditions are according to IEC60679‐1 and MIL‐PRF‐55310, unless otherwise stated 
2.
Tolerance will be increased after reflow soldering 
3.
Lower aging on request 
4.
Supply voltage  3.0 V or 3.3 V on request 
5.
All combinations of options might not be available. Please consult factory 
 
Absolute Maximum Ratings 
Parameter 
min.
max.
Unit
Condition 
Supply Voltage VS 
‐0.5
VS + 10%
V
VS to GND 
Control Voltage VC 
‐0.5
6
V
VC to GND 
Storage Temperature ‐55
+105
°C


Similar Part No. - AXLE5032LN

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE5032 AXTAL-AXLE5032 Datasheet
221Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE5032V AXTAL-AXLE5032V Datasheet
221Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com