Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE5032LN Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXLE5032LN
Description  AXLE5032LN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE5032LN Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXLE5032LN Datasheet HTML 1Page - Advanced XTAL Products AXLE5032LN Datasheet HTML 2Page - Advanced XTAL Products AXLE5032LN Datasheet HTML 3Page - Advanced XTAL Products AXLE5032LN Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXLE5032LN Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 2(4) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Frequency stability vs. temperature 
 
Option 4 
Stability*  
Lower Temperature
 
Upper Temperature 
[ppm] 
 
Option 5
T [°C]
Option 5
T [°C] 
02 
±0.2  
0 
0
A
+50
028 
±0.28  
1 ‐10
B
+60
05 
±0.5  
2 ‐20
C
+70
10 
±1.0  
3 ‐30
D
+75
15 
±1.5  
4 ‐40
E
+80
20 
±2.0  
5 ‐50
F
+85
  
 
6 ‐55
G
+90
  
 
 
H
+95
Table 1     
Table 2
 
*stability referred to (fmax+fmin)/2 
 
Temperature 
range [°C] 
Frequency stability [Option 2]
02 
028 
05
10
15
20
‐20 ~ +70 
O 
O 
X
X
X
X
‐40 ~ +85 
O 
O 
XX
X
X
X
‐55 ~ +95 
‐ ‐ ‐
O
O
O
Table 3 “Availability”   XX = Standard, X = available, O = available on request, ‐ not available
 
 
 
Ordering Code 
 
Model 
Option 
1 
[EFC]* 
Option 2 
[Supply 
Voltage] 
Option 3
[RF 
output] 
Option 4
[Stability] 
Option 5
[Temperature 
range] 
Revision  Frequency [MHz] 
AXLE5032LN  _ or “V” 
27 or 50 
C or H
Table 1
Table 2
Rev.1 
10.000 
Example: AXLE5032LN‐V‐50‐C‐05‐4F_Rev.1 – 10.000 MHz 
 
 
Handling and Testing 
 
Parameter 
Procedure
Source 
Handling and Testing 
Application Note AXAN‐011
www.axtal.com 
Processing 
Application Note AXAN‐012
www.axtal.com 
 
Parameter 
Procedure
Condition 
Electrostatic discharge (ESD) 
      THD devices 
IEC60749‐26
HBM
2000 V 
      SMD devices 
IEC60749‐27
MM
200 V 
Washable 
  Yes      No
RoHS compliant 
  Yes      No
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com