Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE7050B Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE7050B
Description  High Stability SMD (VC)TCXO in 7x5 mm package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE7050B Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE7050B Datasheet HTML 1Page - Advanced XTAL Products AXLE7050B Datasheet HTML 2Page - Advanced XTAL Products AXLE7050B Datasheet HTML 3Page - Advanced XTAL Products AXLE7050B Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXLE7050B Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 1(4) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXLE7050B 
Rev.: 1 
Date: 2016‐01‐20 
Oscillator type:  High Stability SMD (VC)TCXO in 7x5 mm package 
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Frequency range 
10
52
MHz
 
Nominal frequencies 
10, 12.8, 16.384, 19.2, 19.44, 
20, 24.576, 25, 26, 30.72., 
38.4, 38.88, 40 
MHz
Other frequencies on 
request 
Frequency stability 
 
       Initial tolerance @ 25°C at delivery 
±0.5
ppm
@ VCnom      Note 2
vs. operating temperature range 
± 0.05 to ± 2.0
See tables 1 ~ 3 
ppm
Option 4 & 5 
vs. supply voltage variation 
±0.1
ppm
VS ±5 % 
vs. load change 
±0.2
ppm
Load ±5 % 
      Long term (aging) 1
st  year 
±1
ppm
@+40°C      Note 3
Frequency adjustment range 
Electronic Frequency Control (EFC) 
±5
±12
ppm
Option 1 = “V” 
      EFC voltage  VC 
0.5
1.5
2.5
V
 
      EFC slope (f / VC
Positive
 
      EFC input impedance 
100
kΩ 
RF output 
Signal waveform 
Clipped Sine Wave
HCMOS 
Option 3 = “C” 
Option 3 = “H” 
Load 
10 kΩ || 10 pF
15 pF 
Option 3 = “C” 
Option 3 = “H” 
     Amplitude (peak‐peak)
0.8
V
Option 3 = “C” 
      VOL 
0.4
V
Option 3 = “H” 
      VOH 
2.4
V
      Duty cycle 
45
55
%
      Rise/fall time 
6
ns
Phase noise @ 25°C 
dBc/Hz
See table 4 
Supply voltage VS 
3.15
4.75 
3.3
5.0 
3.45
5.25 
V
Option 2 = “33” 
Option 2 = “50” 
Current consumption 
6.0
mA
 
Enclosure (see drawing) (LxWxH) 
7.0x5.0x1.9
mm
IEC 61837 
Weight 
3
g
 
Packing 
Tape & Reel
IEC 60286‐3 
Notes: 
1.
Terminology and test conditions are according to IEC60679‐1 and MIL‐PRF‐55310, unless otherwise stated 
2.
Tolerance will be increased after reflow soldering 
3.
Lower aging on request 
4.
All combinations of options might not be available. Please consult factory 
 
 
Absolute Maximum Ratings 
Parameter 
min.
max.
Unit
Condition 
Supply Voltage VS 
‐0.5
VS + 10%
V
VS to GND 
Control Voltage V
‐0.5
6
V
VC to GND 
Storage Temperature ‐55
+125
°C


Similar Part No. - AXLE7050B

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050CS AXTAL-AXLE7050CS Datasheet
151Kb / 3P
High Stability SMD 7x5 mm TCXO for COSPAS SARSAT
AXLE7050V AXTAL-AXLE7050V Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
More results

Similar Description - AXLE7050B

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2520SBN SII-TG2520SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Advanced XTAL Products
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
AXLE195 AXTAL-AXLE195 Datasheet
103Kb / 4P
SMD (VC)TCXO in 19.8x12.5 mm package
AXLE195A AXTAL-AXLE195A Datasheet
114Kb / 3P
SMD (VC)TCXO in 19.8x12.5 mm package
2014-09-12
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050CS AXTAL-AXLE7050CS Datasheet
151Kb / 3P
High Stability SMD 7x5 mm TCXO for COSPAS SARSAT
logo
Epson Company
TG5032CCN EPSON-TG5032CCN Datasheet
680Kb / 2P
TCXO / VC-TCXO ULTRA HIGH STABILITY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com