Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE7050B Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXLE7050B
Description  High Stability SMD (VC)TCXO in 7x5 mm package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE7050B Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXLE7050B Datasheet HTML 1Page - Advanced XTAL Products AXLE7050B Datasheet HTML 2Page - Advanced XTAL Products AXLE7050B Datasheet HTML 3Page - Advanced XTAL Products AXLE7050B Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXLE7050B Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 2(4) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Frequency stability vs. temperature 
 
Option 4 
Stability*  
Lower Temperature
 
Upper Temperature 
[ppm] 
 
Option 5
T [°C]
Option 5
T [°C] 
005 
±0.05  
0 
0
A
+50
01 
±0.1  
1 ‐10
B
+60
02 
±0.2  
2 ‐20
C
+70
05 
±0.5  
3 ‐30
D
+75
10 
±1.0  
4 ‐40
E
+80
15 
±1.5  
5 ‐50
F
+85
20 
±2.0  
6 ‐55
G
+90
  
 
 
H
+95
Table 1     
Table 2
 
*stability referred to (fmax+fmin)/2 
 
Temperature 
range [°C] 
Frequency stability [Option 2]
005 
01 
02
05
10
15, 20 
‐20 ~ +70 
O 
X 
X
X
X
X
‐40 ~ +85 ‐ 
O 
X
X
X
X
‐50 ~ +90 ‐ 
‐ 
X
X
X
X
‐55 ~ +95 
‐ ‐ ‐
X
X
X
Table 3: “Availability”   X = available, O = available on request, ‐ not available
 
 
 
Available Phase noise level (on request) 
 
Offset 
10 MHz 
12.8 ~ 20 MHz
20.48~38.4 MHz
40 MHz
@ 10 Hz 
<‐95 dBc/Hz
 
@ 100 Hz 
<‐120 dBc/Hz
 
@ 1 kHz 
<‐140 dBc/Hz
<‐135 dBc/Hz
<‐130 dBc/Hz
<‐125 dBc/Hz
@ 10 kHz 
<‐145 dBc/Hz
 
@ 100 kHz 
<‐150 dBc/Hz
 
Table 4: Phase noise
 
 
 
Ordering Code 
 
Model 
Option 1 
[EFC]* 
Option 2 
[Supply 
Voltage] 
Option 3
[RF 
output] 
Option 4
[Stability] 
Option 5
[Temperature 
range] 
Revision  Frequency [MHz] 
AXLE7050B 
_ or “V” 
33 or 50 
C or H
Table 1
Table 2
Rev.1 
10.000 
Example: AXLE7050B‐V‐5‐C‐05‐4F_Rev.1 – 10.000 MHz 
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com