Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE7050CS Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE7050CS
Description  High Stability SMD 7x5 mm TCXO for COSPAS SARSAT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE7050CS Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE7050CS Datasheet HTML 1Page - Advanced XTAL Products AXLE7050CS Datasheet HTML 2Page - Advanced XTAL Products AXLE7050CS Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXLE7050CS Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 1(3) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXLE7050CS
Rev.: 1 
Date: 2014‐12‐05 
Oscillator type:  High Stability SMD 7x5 mm TCXO for COSPAS SARSAT 
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Standard frequencies 
12.688375
12.688656 
12.688750 
MHz
MHz 
MHz 
 
Frequency stability 
ppm
 
     Initial tolerance 
±0.5
ppm
@+25°C 
           after reflow soldering
±0.5
ppm
+260°C over 10 sec max.
      vs. operating temperature range 
±0.2
ppm
Ref. to (fmax+fmin)/2
      Operating temperature range 
      See options 
‐40
‐20 
+55
+55 
°C
°C 
Class I  beacon 
Class II beacon 
vs. supply voltage variation 
±0.1
ppm
VS ±5 % 
vs. load change 
±0.1
ppm
Load ±5 % 
      Long term (aging) 1
st year 
±1
ppm
 
      Long term (aging) 10 years 
±3
ppm
 
Frequency adjustment range 
Electronic Frequency Control (EFC) 
N.A.
 
RF output 
Signal waveform 
HCMOS
 
Load 
15 pF
 
      Amplitude 
VOL < 0.1∙VS ,     VOH > 0.9∙VS
 
      Duty cycle 
45
55
%
@ VS/2 
      Rise/fall time 
8
ns
@ 10% / 90% VS 
      Short‐term stability (ADEV) 
 
0.1 
1 
ppb 
 = 100 ms 
Medium‐term stability 
          Steady state 
          During temperature ramp ±5K/hour 
          Residuals (rms) from linear fit
  
±0.7 
±1.7 
±2 
ppb/min
ppb/min
ppb 
C/S T.007 and  
C/S IP TCXO 
Note 2 
Oscillator Enable/Disable/Tri‐state Input 
Pin #9 : 
HIGH or open 
LOW 
Pin#6 : 
RF Output 
High Impedance 
 
Supply voltage VS 
3.15
3.3
3.45
V
 
Current consumption 
4.0
mA
 
Enclosure (see drawing) (LxWxH) 
7.0x5.0x1.75
mm
IEC 61837  DCC‐4/7050
Weight 
3
g
 
Packing 
Tape & Reel
IEC 60286‐3 
Notes: 
1.
Terminology and test conditions are according to IEC60679‐1 and MIL‐PRF‐55310, unless otherwise stated 
2.
After 15 minutes warm‐up after power‐on with 18 measurements taken over 15 minutes 
 
 
 
Absolute Maximum Ratings 
 
Parameter 
min.
max.
Unit
Condition 
Supply Voltage VS 
‐0.5
VS + 10%
V
VS to GND 
Storage Temperature ‐55
+125
°C


Similar Part No. - AXLE7050CS

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050B AXTAL-AXLE7050B Datasheet
158Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050V AXTAL-AXLE7050V Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
More results

Similar Description - AXLE7050CS

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
Epson ToYoCom
TCO-5060 EPSONTOYOCOM-TCO-5060 Datasheet
332Kb / 2P
TCXO HIGH-STABILITY
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
QUARTZCOM the communica...
TX7-503CM-SQ-COSA QUARTZCOM-TX7-503CM-SQ-COSA Datasheet
186Kb / 2P
Analogue Temperature Compensated Xtal Oscillator COSPAS SARSAT compliant CMOS TCXO
logo
MICORO CRYSTAL SWITZERL...
OCXOVT-SAR MICROCRYSTAL-OCXOVT-SAR Datasheet
795Kb / 2P
Cospas Sarsat compliant
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Advanced XTAL Products
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050B AXTAL-AXLE7050B Datasheet
158Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
logo
Golledge Electronics Lt...
OCXOVT-S GOLLEDGE-OCXOVT-S Datasheet
540Kb / 4P
5V OCXO Sine Output Cospas-Sarsat
logo
Transko Electronics, In...
TXCS TRANSKO-TXCS Datasheet
520Kb / 1P
COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
Rev. 2: Jan. 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com