Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE7050CS Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXLE7050CS
Description  High Stability SMD 7x5 mm TCXO for COSPAS SARSAT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE7050CS Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXLE7050CS Datasheet HTML 1Page - Advanced XTAL Products AXLE7050CS Datasheet HTML 2Page - Advanced XTAL Products AXLE7050CS Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AXLE7050CS Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 2(3) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Ordering Code 
 
Model 
Temperature 
range 
Revisio
n 
Frequency [MHz] 
AXLE7050CS 
Class I: “1” 
Class II: “2” 
Rev.1 
12.688375
12.688656 
12.688750 
Example: AXLE7050CS‐2_Rev.1 – 12.688750 MHz 
 
 
Handling and Testing 
 
Parameter 
Procedure
Source 
Handling and Testing 
Application Note AXAN‐011
www.axtal.com 
Processing 
Application Note AXAN‐012
www.axtal.com 
 
Parameter 
Procedure
Condition 
Electrostatic discharge (ESD) 
      THD devices 
IEC60749‐26
HBM
2000 V 
      SMD devices 
IEC60749‐27
MM
200 V 
Washable 
  Yes      No
RoHS compliant 
  Yes      No
 
 
Enclosure drawing 
 
 
 
Soldering pattern: 
 
 
 
Pin connections: 
Pin #
Symbol
Function 
1,2,3,4
I.C.
Do not connect  
5
GND
Ground 
6
RF OUT
RF Output 
7,8
I.C.
Do not connect  
9
OE
Oscillator Enable/Tristate
10
VS
Supply Voltage 
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com