Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  Qualified for Automotive Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB211 Datasheet HTML 1Page - Texas Instruments TUSB211 Datasheet HTML 2Page - Texas Instruments TUSB211 Datasheet HTML 3Page - Texas Instruments TUSB211 Datasheet HTML 4Page - Texas Instruments TUSB211 Datasheet HTML 5Page - Texas Instruments TUSB211 Datasheet HTML 6Page - Texas Instruments TUSB211 Datasheet HTML 7Page - Texas Instruments TUSB211 Datasheet HTML 8Page - Texas Instruments TUSB211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
TUSB211, TUSB211I, TUSB211-Q1
SLLSEO0C – MAY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TUSB211 TUSB211I TUSB211-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
7
Detailed Description .............................................. 7
7.1
Overview ................................................................... 7
7.2
Functional Block Diagram ......................................... 7
7.3
Device Functional Modes.......................................... 7
8
Application and Implementation .......................... 8
8.1
Application Information.............................................. 8
8.2
Typical Application ................................................... 8
9
Power Supply Recommendations ...................... 11
10
Layout................................................................... 12
10.1
Layout Guidelines ................................................. 12
10.2
Layout Example .................................................... 12
11
Device and Documentation Support ................. 13
11.1
Related Links ........................................................ 13
11.2
Community Resources.......................................... 13
11.3
Trademarks ........................................................... 13
11.4
Electrostatic Discharge Caution ............................ 13
11.5
Glossary ................................................................ 13
12
Mechanical, Packaging, and Orderable
Information ........................................................... 13
4 Revision History
Changes from Revision B (September 2015) to Revision C
Page
•
Deleted T(SHRT_VBUS) from the Electrical Characteristics table ................................................................................................ 5
Changes from Revision A (June 2015) to Revision B
Page
•
Changed From: 1-page datasheet To: Full datasheet .......................................................................................................... 1
•
Added Features: Qualified for Automotive Applications ......................................................................................................... 1
•
Deleted Features: –40°C to 85°C Industrial Temperature Range.......................................................................................... 1
•
Added Applications: Automotive Infotainment ........................................................................................................................ 1
•
Changed the Simplified Schematic......................................................................................................................................... 1
Changes from Original (May 2015) to Revision A
Page
•
Changed the data sheet From: Product Preview To: Production .......................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com