Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  Qualified for Automotive Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB211 Datasheet HTML 7Page - Texas Instruments TUSB211 Datasheet HTML 8Page - Texas Instruments TUSB211 Datasheet HTML 9Page - Texas Instruments TUSB211 Datasheet HTML 10Page - Texas Instruments TUSB211 Datasheet HTML 11Page - Texas Instruments TUSB211 Datasheet HTML 12Page - Texas Instruments TUSB211 Datasheet HTML 13Page - Texas Instruments TUSB211 Datasheet HTML 14Page - Texas Instruments TUSB211 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Time (ns)
0
0.5
1
1.5
2
-0.4
-0.2
0.0
0.2
0.4
Time (ns)
0
0.5
1
1.5
2
-0.4
-0.2
0.0
0.2
0.4
Time (ns)
0
0.5
1
1.5
2
-0.4
-0.2
0.0
0.2
0.4
11
TUSB211, TUSB211I, TUSB211-Q1
www.ti.com
SLLSEO0C – MAY 2015 – REVISED JUNE 2016
Product Folder Links: TUSB211 TUSB211I TUSB211-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Figure 5. EQ Level 1
Figure 6. EQ Level 2
Figure 7. EQ Level 3
9 Power Supply Recommendations
On power up, the interaction of the RSTN pin and power on ramp could result in digital circuits not being set
correctly. The device should not be enabled until the power on ramp has settled to 3 V or higher to guarantee a
correct power on reset of the digital circuitry. If RSTN cannot be held low by microcontroller or other circuitry until
the power on ramp has settled, then an external capacitor from the RSTN pin to GND is required to hold the
device in the low power reset state.
The RC time constant should be larger than five times of the power on ramp time (0 to VCC). With a typical
internal pullup resistance of 500 k
Ω, the recommended minimum external capacitance is calculated as:
[Ramp Time x 5] ÷ [500 k
Ω]
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com