Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH102-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # MTCH102-E/MS
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MTCH102-E/MS Datasheet HTML 10Page - Microchip Technology MTCH102-E/MS Datasheet HTML 11Page - Microchip Technology MTCH102-E/MS Datasheet HTML 12Page - Microchip Technology MTCH102-E/MS Datasheet HTML 13Page - Microchip Technology MTCH102-E/MS Datasheet HTML 14Page - Microchip Technology MTCH102-E/MS Datasheet HTML 15Page - Microchip Technology MTCH102-E/MS Datasheet HTML 16Page - Microchip Technology MTCH102-E/MS Datasheet HTML 17Page - Microchip Technology MTCH102-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
MTCH102/5/8
DS40001793C-page 14
Preliminary
 2015-2016 Microchip Technology Inc.
FIGURE 5-3:
BROWN-OUT RESET TIMING AND CHARACTERISTICS
TABLE 5-1:
OSCILLATOR START-UP TIMER, POWER-UP TIMER AND BROWN-OUT RESET
PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
33*
TPWRT
Power-up Timer Period
40
65
140
ms
34*
TIOZ
I/O High-impedance from RESET
Low or Watchdog Timer Reset
——
2.0
s
35
VBOR
Brown-out Reset Voltage
1.80
1.9
2.05
V
BORV = 1.9V
37*
VHYST
Brown-out Reset Hysteresis
0
25
50
mV
-40°C to +85°C
38*
TBORDC Brown-out Reset DC Response
Time
01
40
sVDD  VBOR
*
These parameters are characterized but not tested.
† Data in “Typ.” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
VBOR
VDD
(Device in Brown-out Reset)
(Device not in Brown-out Reset)
33
Reset
(due to BOR)
VBOR and VHYST
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com