Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH102-E/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # MTCH102-E/MS
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MTCH102-E/MS Datasheet HTML 12Page - Microchip Technology MTCH102-E/MS Datasheet HTML 13Page - Microchip Technology MTCH102-E/MS Datasheet HTML 14Page - Microchip Technology MTCH102-E/MS Datasheet HTML 15Page - Microchip Technology MTCH102-E/MS Datasheet HTML 16Page - Microchip Technology MTCH102-E/MS Datasheet HTML 17Page - Microchip Technology MTCH102-E/MS Datasheet HTML 18Page - Microchip Technology MTCH102-E/MS Datasheet HTML 19Page - Microchip Technology MTCH102-E/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
MTCH102/5/8
DS40001793C-page 16
Preliminary
 2015-2016 Microchip Technology Inc.
Package Marking Information (Continued)
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC® designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
20-Lead UQFN (4x4x0.9 mm)
Example
PIN 1
PIN 1
MTCH
108
\GZ
514017
16-Lead QFN (4x4x0.9 mm)
Example
PIN 1
PIN 1
MTCH
105
517017
20-Lead SSOP (5.30 mm)
Example
MTCH108
1517017
ML 3e
\SS 3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com