Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804-E/MC Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP9804-E/MC
Description  짹0.25째C Typical Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MC Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP9804-E/MC Datasheet HTML 7Page - Microchip Technology MCP9804-E/MC Datasheet HTML 8Page - Microchip Technology MCP9804-E/MC Datasheet HTML 9Page - Microchip Technology MCP9804-E/MC Datasheet HTML 10Page - Microchip Technology MCP9804-E/MC Datasheet HTML 11Page - Microchip Technology MCP9804-E/MC Datasheet HTML 12Page - Microchip Technology MCP9804-E/MC Datasheet HTML 13Page - Microchip Technology MCP9804-E/MC Datasheet HTML 14Page - Microchip Technology MCP9804-E/MC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
© 2009-2012 Microchip Technology Inc.
DS22203C-page 11
MCP9804
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Address Pins (A0, A1, A2)
These pins are device address input pins.
The address pins correspond to the Least Significant
bits (LSbs) of the address bits and the Most Significant
bits (MSbs): A6, A5, A4, A3. This is shown in Table 3-2.
3.2
Ground Pin (GND)
The GND pin is the system ground pin.
3.3
Serial Data Line (SDA)
SDA is a bidirectional input/output pin, used to serially
transmit data to/from the host controller. This pin
requires a pull-up resistor. (See
Section 4.0 “Serial
Communication”.)
3.4
Serial Clock Line (SCL)
The SCL is a clock input pin. All communication and
timing is relative to the signal on this pin. The clock is
generated by the host or master controller on the bus.
(See
Section 4.0 “Serial Communication”.)
3.5
Temperature Alert, Open-Drain
Output (Alert)
The MCP9804 temperature Alert output pin is an
open-drain output. The device outputs a signal when the
ambient temperature goes beyond the user-programmed
temperature limit. (See
Section 5.2.3 “Alert Output
Configuration”.)
3.6
Power Pin (VDD)
VDD is the power pin. The operating voltage range, as
specified in the DC electrical specification table, is
applied on this pin.
3.7
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the GND pin. The EP
may be connected to the system ground on the Printed
Circuit Board (PCB).
TABLE 3-1:
PIN FUNCTION TABLE
DFN
MSOP
Symbol
Pin Function
1
1
SDA
Serial Data Line
2
2
SCL
Serial Clock Line
3
3
Alert
Temperature Alert Output
44
GND
Ground
5
5
A2
Slave Address
6
6
A1
Slave Address
7
7
A0
Slave Address
88
VDD
Power Pin
9
—
EP
Exposed Thermal Pad (EP); must be connected to GND
TABLE 3-2:
MCP9804 ADDRESS BYTE
Device
Address Code
Slave
Address
A6 A5 A4 A3
A2
A1 A0
MCP9804
0
011
x(1)
xx
MCP9804(2)
1
001
x
x
x
Note 1:
User-selectable address is shown by
‘x’. A2, A1 and A0 must match the
corresponding device pin configuration.
2:
Contact factory for this address code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com