Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804-E/MC Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP9804-E/MC
Description  짹0.25째C Typical Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MC Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP9804-E/MC Datasheet HTML 10Page - Microchip Technology MCP9804-E/MC Datasheet HTML 11Page - Microchip Technology MCP9804-E/MC Datasheet HTML 12Page - Microchip Technology MCP9804-E/MC Datasheet HTML 13Page - Microchip Technology MCP9804-E/MC Datasheet HTML 14Page - Microchip Technology MCP9804-E/MC Datasheet HTML 15Page - Microchip Technology MCP9804-E/MC Datasheet HTML 16Page - Microchip Technology MCP9804-E/MC Datasheet HTML 17Page - Microchip Technology MCP9804-E/MC Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
MCP9804
DS22203C-page 14
© 2009-2012 Microchip Technology Inc.
4.1.4
ADDRESS BYTE
Following the Start condition, the host must transmit an
8-bit address byte to the MCP9804. The address for the
MCP9804 temperature sensor is ‘0011,A2,A1,A0’ in
binary, where the A2, A1 and A0 bits are set externally
by connecting the corresponding pins to VDD ‘1’ or GND
‘0’. The 7-bit address, transmitted in the serial bit stream,
must match the selected address for the MCP9804 to
respond with an ACK. Bit 8 in the address byte is a read/
write bit. Setting this bit to ‘1’ commands a read
operation, while ‘0’ commands a write operation (see
Figure 4-1).
FIGURE 4-1:
Device Addressing.
4.1.5
DATA VALID
After the Start condition, each bit of data in the
transmission needs to be settled for a time specified by
tSU-DATA before SCL toggles from low-to-high (see the
Sensor Serial Interface Timing Specifications section).
4.1.6
ACKNOWLEDGE (ACK/NAK)
Each
receiving
device,
when
addressed,
must
generate an ACK bit after the reception of each byte.
The master device must generate an extra clock pulse
for ACK to be recognized.
The Acknowledging device pulls down the SDA line for
tSU-DATA before the low-to-high transition of SCL from
the master. SDA also needs to remain pulled down for
tH-DATA after a high-to-low transition of SCL.
During read, the master must signal an End-of-Data
(EOD) to the slave by not generating an ACK bit (NAK),
once the last bit has been clocked out of the slave. In
this case, the slave will leave the data line released to
enable the master to generate the Stop condition.
4.1.7
TIME-OUT
If the SCL stays low or high for the time specified by
tOUT, the MCP9804 temperature sensor resets the
serial interface. This dictates the minimum clock speed
as outlined in the specification.
1
234
5678
9
SCL
SDA
01
1 A2 A1 A0
Start
Address Byte
Slave
Address
R/W
MCP9804 Response
Code
Address
A
C
K
0
See Table 3-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com