Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804T-E/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9804T-E/MS
Description  짹0.25째C Typical Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804T-E/MS Datasheet(HTML) 3 Page - Microchip Technology

  MCP9804T-E/MS Datasheet HTML 1Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 2Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 3Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 4Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 5Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 6Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 7Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 8Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
© 2009-2012 Microchip Technology Inc.
DS22203C-page 3
MCP9804
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................. 6.0V
Voltage at All Input/Output Pins .............. GND – 0.3V to 6.0V
Storage Temperature ....................................-65°C to +150°C
Ambient Temperature with Power Applied ....-40°C to +125°C
Junction Temperature (TJ) .......................................... +150°C
ESD Protection on All Pins (HBM:MM) ................ (4 kV:400V)
Latch-up Current at Each Pin (25°C) ....................... ±200 mA
†Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
TEMPERATURE SENSOR DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, GND = Ground and
TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max Unit
Conditions
Temperature Sensor Accuracy
-40°C < TA ≤ +125°C
TACY
-1.0
±0.25
+1.0
°C
VDD = 3.3V (Note 1)
Accuracy Drift
TDRIFT
—
+0.05
—
°C
VDD = 3.3V (Note 2)
Accuracy Repeatability
TREPEAT
—
±0.0625
—
°C
48 hours at 55°C, VDD = 3.3V
Temperature Conversion Time
0.5°C/bit
tCONV
—
30
—
ms
33s/sec (typical)
0.25°C/bit
—
65
—
ms
15s/sec (typical)
0.125°C/bit
—
130
—
ms
7s/sec (typical)
0.0625°C/bit
—
250
—
ms
4s/sec (typical)
Power Supply
Operating Voltage Range
VDD
2.7
—
5.5
V
Operating Current
IDD
—
200
400
µA
Shutdown Current
ISHDN
—0.1
2
µA
Power-on Reset (POR)
VPOR
—
2.2
—
V
Threshold for falling VDD
Power Supply Rejection
Δ°C/ΔV
DD
—-0.1
—
°C/V VDD = 2.7V to 5.5V, TA = +25°C
Alert Output (open-drain output, external pull-up resistor required), see Section 5.2.3 “Alert Output Configuration”
High-Level Current (leakage)
IOH
——
1
µA
VOH = VDD (Active-Low, Pull-up Resistor)
Low-Level Voltage
VOL
——
0.4
V
IOL= 3 mA (Active-Low, Pull-up Resistor)
Thermal Response, from +25°C (air) to +125°C (oil bath)
8L-DFN
tRES
—
0.7
—
s
Time to 63% (+89°C)
8L-MSOP
—
1.4
—
s
Note 1:
Accuracy specification includes life time drift.
2:
Using Accelerated Life Cycle, equivalent of 12 years of operation at 55°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com