Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804T-E/MS Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP9804T-E/MS
Description  짹0.25째C Typical Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804T-E/MS Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP9804T-E/MS Datasheet HTML 27Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 28Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 29Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 30Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 31Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 32Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 33Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 34Page - Microchip Technology MCP9804T-E/MS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
© 2009-2012 Microchip Technology Inc.
DS22203C-page 31
MCP9804
5.2.3.2
Interrupt Mode
In Interrupt mode, the Alert output is asserted as active-
high or active-low (depending on the polarity configura-
tion) when TA drifts above or below TUPPER and TLOWER
limits. The output is deasserted by setting bit 5 (Interrupt
Clear bit) of CONFIG. Shutting down the device will not
reset or deassert the Alert output. This mode can not be
selected when the Alert output is used as a critical tem-
perature output only, using bit 2 of CONFIG.
This
mode
is
designed
for
interrupt
driven
microcontroller-based systems. The microcontroller
receiving the interrupt will have to Acknowledge the
interrupt by setting bit 5 of the CONFIG register from the
MCP9804.
5.2.4
TEMPERATURE RESOLUTION
The MCP9804 is capable of providing temperature
data with +0.5°C to +0.0625°C resolution. The resolu-
tion can be selected using the Resolution register
(Register 5-7). It is located at address, ‘00001000’b,
and it provides measurement flexibility. A +0.0625°C
resolution is set as a POR default by the factory.
TABLE 5-2:
TEMPERATURE
CONVERSION TIME
Resolution
tCONV
(ms)
Samples/sec
(typical)
+0.5°C
30
33
+0.25°C
65
15
+0.125°C
130
7
+0.0625°C
(Power-up Default)
250
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com