Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700-H/TO Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9700-H/TO
Description  Low-Power Linear Active Thermistor ICs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700-H/TO Datasheet(HTML) 3 Page - Microchip Technology

  MCP9700-H/TO Datasheet HTML 1Page - Microchip Technology MCP9700-H/TO Datasheet HTML 2Page - Microchip Technology MCP9700-H/TO Datasheet HTML 3Page - Microchip Technology MCP9700-H/TO Datasheet HTML 4Page - Microchip Technology MCP9700-H/TO Datasheet HTML 5Page - Microchip Technology MCP9700-H/TO Datasheet HTML 6Page - Microchip Technology MCP9700-H/TO Datasheet HTML 7Page - Microchip Technology MCP9700-H/TO Datasheet HTML 8Page - Microchip Technology MCP9700-H/TO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2005-2016 Microchip Technology Inc.
DS20001942G-page 3
MCP9700/9700A and MCP9701/9701A
Output Current
IOUT
——
100
µA
Output Impedance
ZOUT
—20
—
IOUT = 100 µA, f = 500 Hz
Output Load Regulation
V
OUT/
I
OUT
—1
—
TA = 0°C to +70°C
IOUT = 100 µA
Turn-On Time
tON
—
800
—
µs
Typical Load Capacitance
CLOAD
—
—
1000
pF
Note 4
SC-70 Thermal Response to 63%
tRES
—
1.3
—
s
30°C (Air) to +125°C
(Fluid Bath)
(Note 5)
TO-92 Thermal Response to 63%
tRES
—1.65
—
s
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A: V
DD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125 °C and No load
MCP9701/9701A: V
DD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125 °C and No load
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
MCP9700 with SC70-5 and SOT-23-3 packages only. The MCP9700 High Temperature is not available
with TO-92 package.
2:
The MCP9700/9700A family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accuracy is
tested with VDD = 5.0V.
3:
The MCP9700/9700A and MCP9701/9701A family is characterized using the first-order or linear equation,
as shown in Equation 4-2. Also refer to Figure 2-16.
4:
The MCP9700/9700A and MCP9701/9701A family is characterized and production tested with a
capacitive load of 1000 pF.
5:
SC70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal
response without PCB (leaded).
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A: V
DD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125 °C and No load
MCP9701/9701A: V
DD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125 °C and No load
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
(Note 1)
TA
-40
—
+125
°C
MCP9700/9700A
TA
-10
—
+125
°C
MCP9701/9701A
TA
-40
—
+150
°C
High Temperature
(MCP9700, SOT23-3
and SC70-5 only
)
Operating Temperature Range
TA
-40
—
+125
°C
Extended Temperature
TA
-40
—
+150
°C
High Temperature
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5LD SC70
JA
—331
—
°C/W
Thermal Resistance, 3LD SOT-23
JA
—308
—
°C/W
Thermal Resistance, 3LD TO-92
JA
—146
—
°C/W
Note 1:
Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com