Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700-H/TO Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9700-H/TO
Description  Low-Power Linear Active Thermistor ICs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700-H/TO Datasheet(HTML) 4 Page - Microchip Technology

  MCP9700-H/TO Datasheet HTML 1Page - Microchip Technology MCP9700-H/TO Datasheet HTML 2Page - Microchip Technology MCP9700-H/TO Datasheet HTML 3Page - Microchip Technology MCP9700-H/TO Datasheet HTML 4Page - Microchip Technology MCP9700-H/TO Datasheet HTML 5Page - Microchip Technology MCP9700-H/TO Datasheet HTML 6Page - Microchip Technology MCP9700-H/TO Datasheet HTML 7Page - Microchip Technology MCP9700-H/TO Datasheet HTML 8Page - Microchip Technology MCP9700-H/TO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MCP9700/9700A and MCP9701/9701A
DS20001942G-page 4
 2005-2016 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, MCP9700/9700A: V
DD = 2.3V to 5.5V; MCP9701/9701A: VDD = 3.1V to 5.5V;
GND = Ground, Cbypass = 0.1 µF.
FIGURE 2-1:
Accuracy vs. Ambient
Temperature (MCP9700A/9701A).
FIGURE 2-2:
Accuracy vs. Ambient
Temperature, with VDD.
FIGURE 2-3:
Supply Current vs.
Temperature.
FIGURE 2-4:
Accuracy vs. Ambient
Temperature (MCP9700/9701).
FIGURE 2-5:
Changes in Accuracy vs.
Ambient Temperature (Due to Load).
FIGURE 2-6:
Load Regulation vs.
Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50 -25
0
255075
100 125 150
TA (°C)
MCP9700A VDD = 3.3V
MCP9701A
VDD = 5.0V
Spec. Limits
-4.0
-2.0
0.0
2.0
4.0
6.0
-50
-25
0
25
50
75
100 125 150
TA (°C)
MCP9701/
MCP9701A
VDD = 5.5V
VDD = 3.1V
MCP9700
MCP9700A
VDD = 5.5V
VDD = 2.3V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-50
-25
0
25
50
75
100
125
150
TA (°C)
MCP9700/MCP9700A
MCP9701
MCP9701A
-4.0
-2.0
0.0
2.0
4.0
6.0
-50 -25
0
255075
100 125 150
TA (°C)
MCP9700
VDD = 3.3V
MCP9701
VDD = 5.0V
Spec. Limits
-0.2
-0.1
0
0.1
0.2
-50
-25
0
25
50
75
100 125 150
TA (°C)
MCP9701/MCP9701A
VDD = 5.0V
ILOAD = 100 µA
MCP9700/MCP9700A
VDD = 3.3V
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
TA (°C)
MCP9700/MCP9700A
MCP9701/MCP9701A
VDD = 3.3V
IOUT = 50 µA
IOUT = 100 µA
IOUT = 200 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com