Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1184 Datasheet(PDF) 41 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 41 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 37Page - Microchip Technology EMC1184 Datasheet HTML 38Page - Microchip Technology EMC1184 Datasheet HTML 39Page - Microchip Technology EMC1184 Datasheet HTML 40Page - Microchip Technology EMC1184 Datasheet HTML 41Page - Microchip Technology EMC1184 Datasheet HTML 42Page - Microchip Technology EMC1184 Datasheet HTML 43Page - Microchip Technology EMC1184 Datasheet HTML 44Page - Microchip Technology EMC1184 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
SMSC EMC1184
41
Revision 1.0 (07-11-13)
DATASHEET
6.17
Therm Limit Status Register 37h
The Therm Limit Status Register contains the status bits that are set when a temperature channel
Therm Limit is exceeded. If any of these bits are set, the THERM status bit in the Status Register is
set. Reading from the Therm Limit Status Register will not clear the status bits. Once the temperature
drops below the Therm Limit minus the Therm Hysteresis, the corresponding status bits will be
automatically cleared. The THERM bit in the Status Register will be cleared when all individual channel
THERM bits are cleared.
Bit 3 - This bit is set when the External Diode 3 channel exceeds its programmed Therm Limit. When
set, this bit will assert the THERM pin.
Bit 2 - E2THERM - This bit is set when the External Diode 2 channel exceeds its programmed Therm
Limit. When set, this bit will assert the THERM pin.
Bit 1 - E1THERM - This bit is set when the External Diode 1 channel exceeds its programmed Therm
Limit. When set, this bit will assert the THERM pin.
Bit 0- ITHERM - This bit is set when the Internal Diode channel exceeds its programmed Therm Limit.
When set, this bit will assert the THERM pin.
6.18
Filter Control Register 40h
The Filter Configuration Register controls the digital filter on the External Diode 1 channel.
Bits 1-0 - FILTER[1:0] - Control the level of digital filtering that is applied to the External Diode 1
temperature measurement as shown in Table 6.24. See Figure 5.4 and Figure 5.5 for examples on the
filter behavior.
Table 6.22 Therm Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
37h
R-C
Therm
Limit
Status
--
-
-
E3
THERM
E2
THERM
E1
THERM
ITHERM
00h
Table 6.23 Filter Configuration Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Filter Control
-
-
-
-
-
-
FILTER[1:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com