Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1184 Datasheet(PDF) 19 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 19 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 15Page - Microchip Technology EMC1184 Datasheet HTML 16Page - Microchip Technology EMC1184 Datasheet HTML 17Page - Microchip Technology EMC1184 Datasheet HTML 18Page - Microchip Technology EMC1184 Datasheet HTML 19Page - Microchip Technology EMC1184 Datasheet HTML 20Page - Microchip Technology EMC1184 Datasheet HTML 21Page - Microchip Technology EMC1184 Datasheet HTML 22Page - Microchip Technology EMC1184 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
SMSC EMC1184
19
Revision 1.0 (07-11-13)
DATASHEET
5.2
Conversion Rates
The EMC1184 may be configured for different conversion rates based on the system requirements.
The conversion rate is configured as described in Section 6.5. The default conversion rate is 4
conversions per second. Other available conversion rates are shown in Table 6.6, "Conversion Rate".
5.3
Dynamic Averaging
Dynamic averaging causes the EMC1184 to measure the external diode channels for an extended time
based on the selected conversion rate. This functionality can be disabled for increased power savings
at the lower conversion rates (see Section 6.4, "Configuration Register 03h / 09h"). When dynamic
averaging is enabled, the device will automatically adjust the sampling and measurement time for the
external diode channels. This allows the device to average 2x or 16x longer than the normal 11 bit
operation (nominally 21ms per channel) while still maintaining the selected conversion rate. The
benefits of dynamic averaging are improved noise rejection due to the longer integration time as well
as less random variation of the temperature measurement.
When enabled, the dynamic averaging applies when a one-shot command is issued. The device will
perform the desired averaging during the one-shot operation according to the selected conversion rate.
When enabled, the dynamic averaging will affect the average supply current based on the chosen
conversion rate as shown in Table 5.1
.
5.4
THERM Output
The THERM output is asserted independently of the ALERT output and cannot be masked. Whenever
any of the measured temperatures exceed the user programmed Therm Limit values for the
programmed number of consecutive measurements, the THERM output is asserted. Once it has been
Table 5.1 Supply Current vs. Conversion Rate for EMC1184
CONVERSION RATE
AVERAGE SUPPLY CURRENT
(TYPICAL)
AVERAGING FACTOR (BASED ON
11-BIT OPERATION)
ENABLED
(DEFAULT)
DISABLED
ENABLED
(DEFAULT)
DISABLED
1 / 16 sec
230uA
220uA
16x
1x
1 / 8 sec
275uA
220uA
16x
1x
1 / 4 sec
350uA
220uA
16x
1x
1 / 2 sec
405uA
220uA
16x
1x
1 / sec
480uA
250uA
8x
1x
2 / sec
850uA
290uA
4x
1x
4 / sec (default)
890uA
370uA
2x
1x
8 / sec
970uA
525uA
1x
1x
16 / sec
990uA
690uA
0.5x
0.5x
32 / sec
1030uA
1050uA
0.25x
0.25x
64 / sec
1500uA
1100uA
0.125x
0.125x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com