Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL2K4-G Datasheet(PDF) 13 Page - Microchip Technology

Part # CL2K4-G
Description  Simple 90V, 20mA, Temperature Compensated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL2K4-G Datasheet(HTML) 13 Page - Microchip Technology

Back Button CL2K4-G Datasheet HTML 7Page - Microchip Technology CL2K4-G Datasheet HTML 8Page - Microchip Technology CL2K4-G Datasheet HTML 9Page - Microchip Technology CL2K4-G Datasheet HTML 10Page - Microchip Technology CL2K4-G Datasheet HTML 11Page - Microchip Technology CL2K4-G Datasheet HTML 12Page - Microchip Technology CL2K4-G Datasheet HTML 13Page - Microchip Technology CL2K4-G Datasheet HTML 14Page - Microchip Technology CL2K4-G Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005448A-page 13
CL2
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
CL2
= Simple 90V, 20 mA, Temperature-Compen-
sated, Constant-Current LED Driver IC
Package:
N3
= TO-92, 3-lead
K4
= TO-252 (D-PAK), 3-lead
N8
= TO-243AA (SOT-89), 3-lead
Environmental
G
= Lead (Pb)-free/ROHS-compliant package
Media Type:
(blank) = 1000/Bag for N3 packages
= 2000/Reel for K4 packages
= 2000/Reel for N8 packages
P002
= 2000/Reel for N3
Examples:
a)
CL2N3-G
TO-92 package,
1000/Bag
b)
CL2K4-G
TO-252 package,
2000/Reel
c)
CL2N8-G
TO-243AA package,
2000/Reel
d)
CL2N3-G-P002
TO-92 package,
2000/Reel
PART NO.
X
Device
X
Environmental
XX
Package
Options
Media
-
-
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com