Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL2K4-G Datasheet(PDF) 1 Page - Microchip Technology

Part # CL2K4-G
Description  Simple 90V, 20mA, Temperature Compensated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL2K4-G Datasheet(HTML) 1 Page - Microchip Technology

  CL2K4-G Datasheet HTML 1Page - Microchip Technology CL2K4-G Datasheet HTML 2Page - Microchip Technology CL2K4-G Datasheet HTML 3Page - Microchip Technology CL2K4-G Datasheet HTML 4Page - Microchip Technology CL2K4-G Datasheet HTML 5Page - Microchip Technology CL2K4-G Datasheet HTML 6Page - Microchip Technology CL2K4-G Datasheet HTML 7Page - Microchip Technology CL2K4-G Datasheet HTML 8Page - Microchip Technology CL2K4-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005448A-page 1
CL2
Features
• 5.0 to 90V operating range (VA-B)
• 20 mA ±10% at 5.0 - 90V
• 0.01%/°C typical temperature coefficient
• Available in TO-243AA (SOT-89), TO-252(D-
PAK), & TO-92 packages
• Can be paralleled for higher current
Applications
• LED driver
• Industrial lamp indicators
• Signage
• Accent lighting
• Automotive
• Constant current source
• Constant current sink
Description
CL2 is a high voltage, temperature compensated, con-
stant-current source. The device is trimmed to provide
a constant current of 20 mA ±10% at an input voltage
of 5–90V. The device can be used as a two-terminal,
constant-current source or constant-current sink.
A typical application for the CL2 is to drive LEDs with a
constant current of 20 mA. Multiple CL2s can also be
used in parallel to provide higher currents such as
40 mA, 60 mA or 80 mA. The device is available in TO-
243AA (SOT-89), TO-252 (D-PAK), and TO-92 pack-
ages.
Package Type
TO-92
See Table 2-1 for pin information
TO-252 (D-PAK)
TO-243AA (SOT-89)
VA
N/C
VB
VB
NC
VA
VB
VA
N/C
VB
Simple 90V, 20mA, Temperature Compensated,
Constant-Current LED Driver IC


Similar Part No. - CL2K4-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
More results

Similar Description - CL2K4-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
logo
TE Connectivity Ltd
82CV TEC-82CV Datasheet
251Kb / 5P
Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com