Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37003M Datasheet(PDF) 2 Page - ams AG

Part # TMD37003M
Description  The device features advanced Proximity measurement
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37003M Datasheet(HTML) 2 Page - ams AG

  TMD37003M Datasheet HTML 1Page - ams AG TMD37003M Datasheet HTML 2Page - ams AG TMD37003M Datasheet HTML 3Page - ams AG TMD37003M Datasheet HTML 4Page - ams AG TMD37003M Datasheet HTML 5Page - ams AG TMD37003M Datasheet HTML 6Page - ams AG TMD37003M Datasheet HTML 7Page - ams AG TMD37003M Datasheet HTML 8Page - ams AG TMD37003M Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-02] 2016-Aug-19
TMD3700 − General Description
Applications
The TMD3700 applications include:
• Color Sensing
• Ambient Light Sensing
• Mobile Phone touch screen disable
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
Functional Blocks of TMD3700
• Single device integrated optical solution
• RGB, Ambient Light Sensor (ALS) and proximity support
• Power management features
• I²C fast mode interface compatible
• Integral IR LED
• Accurate color temperature and ambient
light sensing
• UV / IR blocking filters
• Programmable gain and integration time
• Reduced power consumption
• 0.18μ process technology with 1.8V I²C bus
Benefits
Features
t

W
>

^
Z

'

>
h
W

W

W
/
W

/Ed
^>
^
s
K
/
/Z
>
'E
>^ d
,

,

, 
>^ 
, 
/
K
d
^
>
/Z 
>
h
W
d
,

,

, 
, 




W'E
dD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com