Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37003M Datasheet(PDF) 21 Page - ams AG

Part # TMD37003M
Description  The device features advanced Proximity measurement
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37003M Datasheet(HTML) 21 Page - ams AG

Back Button TMD37003M Datasheet HTML 17Page - ams AG TMD37003M Datasheet HTML 18Page - ams AG TMD37003M Datasheet HTML 19Page - ams AG TMD37003M Datasheet HTML 20Page - ams AG TMD37003M Datasheet HTML 21Page - ams AG TMD37003M Datasheet HTML 22Page - ams AG TMD37003M Datasheet HTML 23Page - ams AG TMD37003M Datasheet HTML 24Page - ams AG TMD37003M Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
ams Datasheet
Page 21
[v1-02] 2016-Aug-19
Document Feedback
TMD3700 − Register Description
CFG0 Register (0x8D)
Figure 29:
CFG0 Register
This register controls the interrupt filtering capabilities of the
device. Configurable filtering is provided to allow interrupts to
be generated after either a proximity or ALS integration cycle
or if the integration cycle has produced a result that is outside
of the values specified by threshold register for some specified
number of times. Separate filtering is provided for proximity
and ALS functions.
ALS interrupts are generated by looking only at the ADC
integration results of the C channel photodiode.
PCFG0 Register (0x8E)
Figure 30:
PCFG0 Register
0x8D: CFG0
Field
Name
Reset
Type
Description
7:3
Reserved
1 0 0 0 0
RW
Reserved. Must be set to 10000.
2wlong
0
RW
Wait Long. When asserted, the wait cycle is increased
by a factor 12x from that programmed in the WTIME
register.
1:0
Reserved
0 0
RW
Reserved. Must be set to 00.
0x8E: PCFG0
Field
Name
Reset
Type
Description
7:6
ppulse_len
1
RW
Proximity Pulse Length.
Value
Pulse Length
04μs
18μs
216μs
332μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com