Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC_SERIES Datasheet(PDF) 3 Page - Copal Electronics

Part # JC_SERIES
Description  CONDUCTIVE PLASTIC SINGLE TURN TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

JC_SERIES Datasheet(HTML) 3 Page - Copal Electronics

  JC_SERIES Datasheet HTML 1Page - Copal Electronics JC_SERIES Datasheet HTML 2Page - Copal Electronics JC_SERIES Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
R 16.5
m
ax.
(30°
)
(30°)
3 –
1.5
Terminal width 3
φ
1.6
10
12
8
14
(34)
M 9 (P = 0.75)
2
3
1
2
3
Wiring diagram
CW
M 9
P = 0.75
12
1. Nut
2. Washer
2
0.5
1
9.4
12.9
φ
φ
30°
30°
R 17
m
ax.
15
± 0.05
φ
3 – M 2
D = 3.0 min.
1
2
3
13.4
1.57
23.8
15
1.57
3.66
Green
Approx.50°
1 2
3
Green Red
3 – M 3 P = 0.5
D = 3.0 min.
120
°
19
20
φ
19
° 19°
11.5
17
15
1.57
1.57
1.5
32
Approx.
1 2
3
Green
Green
Red
16
°
16
°
3 - M 3 (P = 0.5)
D = 3.0 min.
25
m
ax.
120
°
45°
20
20
13.3
2.36
1.57
1.86
30
φ
■ OUTLINE DIMENSIONS
(Unit : mm)
O JC22E
JC
POTENTIOMETERS
JC22E, JC22S
JC30S, JC40S
(JC22E Accessories)
O JC22S
O JC30S
O JC40S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com