Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC_SERIES Datasheet(PDF) 1 Page - Copal Electronics

Part # JC_SERIES
Description  CONDUCTIVE PLASTIC SINGLE TURN TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

JC_SERIES Datasheet(HTML) 1 Page - Copal Electronics

  JC_SERIES Datasheet HTML 1Page - Copal Electronics JC_SERIES Datasheet HTML 2Page - Copal Electronics JC_SERIES Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CONDUCTIVE PLASTIC SINGLE TURN TYPE
JCseries
■ FEATURES
O Compact
O Cost effective (JC22E) in house comparison
O Long life
O High following characteristics
O High resolution (Essentially infinite)
O RoHS compliant
■ PART NUMBER DESIGNATION
J C 2 2 E
2 k
1 %
Series name
Independent linearity
0.3 %:
± 0.3 %
0.5 %:
± 0.5 %
1 %:
± 1 %
Nominal resistance value(
Ω)
200, 500, 1 k, 2 k, 5 k, 10 k, 20 k
JC22E:Linear
φ 22 mm
JC22S:Linear
φ 22 mm
JC30S:Linear
φ 30 mm
JC40S:Linear
φ 40 mm
■ LIST OF PART NUMBERS
Size
Item
φ 22 mm
1 k
Ω
2 k
Ω
5 k
Ω
10 k
Ω
200
Ω
500
Ω
1 k
Ω
2 k
Ω
5 k
Ω
10 k
Ω
±1 %
±0.5 %
JC22E 1 k 1 %
JC22E 2 k 1 %
JC22E 5 k 1 %
JC22E 10 k 1 %
A JC22S 200 0.5 %
A JC22S 500 0.5 %
JC22S 1 k 0.5 %
JC22S 2 k 0.5 %
JC22S 5 k 0.5 %
JC22S 10 k 0.5 %
Nominal
resistance value
Independent
linearity
Part number
Size
Item
φ 30 mm
φ 40 mm
500
Ω
1 k
Ω
2 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
500
Ω
1 k
Ω
2 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
±0.5 %
±0.3 %
JC30S 500 0.5 %
JC30S 1 k 0.5 %
JC30S 2 k 0.5 %
JC30S 5 k 0.5 %
JC30S 10 k 0.5 %
JC30S 20 k 0.5 %
JC40S 500 0.3 %
JC40S 1 k 0.3 %
JC40S 2 k 0.3 %
JC40S 5 k 0.3 %
JC40S 10 k 0.3 %
JC40S 20 k 0.3 %
Nominal
resistance value
Independent
linearity
Part number
※ Verify the above part numbers when placing orders.
The products indicated by
A mark are manufactured upon receipt of
order basis.
Bearing
Wiper
Conductive plastic
Input/outptu terminal
Basic construction
Conductive plastic single turn type
RoHS compliant


Similar Part No. - JC_SERIES

ManufacturerPart #DatasheetDescription
logo
Japan Automatic Machine...
JC-SERIES JAM-JC-SERIES Datasheet
244Kb / 3P
5 Position Housing Connector Crimp 22-30 AWG
More results

Similar Description - JC_SERIES

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6143 BITECH-6143 Datasheet
83Kb / 4P
7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
logo
Vishay Siliconix
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
22-Mar-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
02-Jul-07
logo
Bi technologies
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
logo
Copal Electronics
CRV16 COPAL-CRV16 Datasheet
68Kb / 2P
CONDUCTIVE PLASTIC SINGLE TURN TYPE
JC10_SERIES COPAL-JC10_SERIES Datasheet
69Kb / 2P
CONDUCTIVE PLASTIC SINGLE TURN TYPE
logo
Vishay Siliconix
128 VISHAY-128 Datasheet
347Kb / 4P
1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
208 VISHAY-208 Datasheet
103Kb / 4P
1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
22-Nov-16
308 VISHAY-308 Datasheet
350Kb / 4P
2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com