Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTR2 Datasheet(PDF) 1 Page - Copal Electronics

Part # LTR2
Description  Ultra-Miniature Illuminated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LTR2 Datasheet(HTML) 1 Page - Copal Electronics

  LTR2 Datasheet HTML 1Page - Copal Electronics LTR2 Datasheet HTML 2Page - Copal Electronics LTR2 Datasheet HTML 3Page - Copal Electronics LTR2 Datasheet HTML 4Page - Copal Electronics LTR2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LTR1
・2 & LTM1・2
Ultra-Miniature Illuminated
Pushbutton Switches
RoHS Compliant
■Series
Conductive Rubber Contact
(LTR type)
Mettal Contact
(LTM type)
■Features
1. Full Surface Illumination (LTM2, LTMG2, LTR2 Series
Miniature, low-cost switch with full surface illumination by
LED. Buttons available in square shape (7.5/10mm sq.)
and round shape (7.5/10mm dia.) in 3 colors (Red, Green,
Yellow). Non-illuminated switches also available (LTM1,
LTMG1, LTR1 series).
2. Two Types of Contacts
LTR series: Conductive rubber contact for soft tactile feel.
LTM/LTMG series: Metal contact for sharp tactile feel.
3. PC Board Mount
Terminal pitch is in inches (multiples of 2.54 mm) for all
models. The unique terminal shape prevents the terminals
from coming loose from the PC board during dip soldering.
4. Enhanced Resistance to Soldering Heat
Improved terminal structure protects the contacts from
soldering heat. In addition, each pole has two terminals
which can be used as a jumper wire.
5. Compatible With Lead-Free Soldering (LTM Series)
Heat-resistance resin for lead-free soldering.
■SpeciÄcations
Rating
LTR
:10mA 12VDC max. 10μ A Min.
LTM
:1VA max.(50mA max.48VDC max) 0.5mA min.
LTMG
:1VA Max.(50mA max.48VDC max.) 10μA min.
Initial Contact
Resistance
LTR
:500 Ω max.(1mA 2VDC at 1.47N{150gf}
)
LTM
:100m Ω max
(1.5mA 200μ VAC at 1.96N{200gf}
)
Dielectric Strength 250VAC 1 minute
Insulation Resistance 100MΩ min         (100VDC)
Electrical Life
LTR
:100,000 operations
LTM
:300,000 operations
Contact Bounce
LTR
:3 msec. max.(Initial value)
LTM
:10 msec. max.(Initial value)
Travel
LTR
:1 mm
LTM
:0.25 mm
Operating Force
(at peak force)
LTR
:0.98±0.39N
LTM
:1.37±0.39N
Operating
Temperature Range
−25∼+70℃
Storage
Temperature Range
−40∼+70℃


Similar Part No. - LTR2

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR ROHM-LTR Datasheet
643Kb / 7P
High power thick film shunt resistors
2021.06
LTR ROHM-LTR Datasheet
947Kb / 8P
High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
LTR ROHM-LTR Datasheet
1Mb / 9P
High power chip resistors / Wide terminal type / Anti-surge
2024.12 - Rev.015
LTR ROHM-LTR Datasheet
1Mb / 7P
High power thick film shunt resistors
2022.08 - Rev.15
logo
Lite-On Technology Corp...
LTR-1650D LITEON-LTR-1650D Datasheet
287Kb / 4P
IR Emitter and Detector
More results

Similar Description - LTR2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
GB15JPC NKK-GB15JPC Datasheet
139Kb / 4P
Ultra-Miniature Fully Illuminated Plungers
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
Ultra-Miniature Fully Illuminated Toggles
logo
GREATECS
G12JPC GREATECS-G12JPC Datasheet
2Mb / 6P
Ultra-Miniature Fully Illuminated Toggle Switches
GB15JPD GREATECS-GB15JPD Datasheet
699Kb / 1P
Ultra-Miniature Pushbutton Switches with Fully Illuminated Plungers
MS12LFW01C GREATECS-MS12LFW01C Datasheet
1Mb / 2P
Miniature Illuminated Slide Switches
logo
Nihon Kaiheiki Industry...
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
Fully Illuminated Ultra-Miniature Toggles
GB15JPC NKK-GB15JPC_10 Datasheet
129Kb / 4P
Ultra-Miniature Fully Illuminated Plungers
logo
List of Unclassifed Man...
G12JHC ETC2-G12JHC Datasheet
427Kb / 4P
Fully Illuminated Ultra-Miniature Toggles
GB15JHF ETC2-GB15JHF Datasheet
288Kb / 4P
Ultra-Miniature Fully Illuminated Plungers
logo
Copal Electronics
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
Ultra-Miniature Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com