Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTR2 Datasheet(PDF) 2 Page - Copal Electronics

Part # LTR2
Description  Ultra-Miniature Illuminated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LTR2 Datasheet(HTML) 2 Page - Copal Electronics

  LTR2 Datasheet HTML 1Page - Copal Electronics LTR2 Datasheet HTML 2Page - Copal Electronics LTR2 Datasheet HTML 3Page - Copal Electronics LTR2 Datasheet HTML 4Page - Copal Electronics LTR2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LTR
・LTM
■Part Numbering
LT M G
2
̶ 01 ̶ L2
■Type of Contacts and Contact Plating
Code
Type of Contact
Contact Plating
R
Conductive rubber contact
Gold plated
M
Metal contact
Silver plated
MG
Metal contact
Gold plated
Note : The contacts of LTR series are all gold-plated.
■Structure
Fig.
12
Structure
Without LED
(Non-illuminated)
With LED
■Table of Part Numbers
Series
LTM
LTR
Contact plating
Silver Plated
Gold Plated
Gold Plated
Non-illuminated
 LTM1−01
− LTMG1−01
 LTR1−01
−
LED color
Red
 LTM2−01−L2
 LTM2−31−L2
★LTMG2−01−L2  LTR2−01−L2
 LTR2−31−L2
Green
 LTM2−01−L5
 LTM2−31−L5
★LTMG2−01−L5  LTR2−01−L5
 LTR2−31−L5
Bule
★LTM2−01−L6
−
▲LTMG2−01−L6 ★LTR2−01−L6
−
Yellow
 LTM2−01−L8
 LTM2−31−L8
★LTMG2−01−L8  LTR2−01−L8
 LTR2−31−L8
■PC Hole Layouts
Type
LTR1/LTM1
LTR2/LTM2
Dimensions
(Top view)
■Operating Force vs. Stroke Characteristics
■LED SpeciÄcations
 LTR2・LTM2・LTMG2
■LED liminance
Symbol
LED luminance
01
(Normal luminance )
31
(High luminance )
■Packaging SpeciÄcations
Zipper Plastic Bag
Series Code
Type of Contact
Contact Plating
LED luminance
Structure
LED Color
Fig.A
Code
Color
Luminance
Forward
Current (IF)
Forward V (VF)
Reverse
Voltage (VR)
nom.
max.
L2
Red
Normal
30mA
2.0V
2.5V
DC5V
L5
Green
25mA
2.2V
2.5V
DC5V
L6
Bule
30mA
3.8V
4.5V
DC5V
L8
Yellow
30mA
2.1V
2.5V
DC5V
L2
Red
High
30mA
1.95V
2.5V
DC5V
L5
Green
30mA
3.2V
4.0V
DC5V
L8
Yellow
30mA
2.0V
2.5V
DC5V
▲:Inquiry products.
★:Made to order products.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com