Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM-L2 Datasheet(PDF) 13 Page - Cree, Inc

Part # XM-L2
Description  Cree XLamp XM-L2 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XM-L2 Datasheet(HTML) 13 Page - Cree, Inc

Back Button XM-L2 Datasheet HTML 6Page - Cree, Inc XM-L2 Datasheet HTML 7Page - Cree, Inc XM-L2 Datasheet HTML 8Page - Cree, Inc XM-L2 Datasheet HTML 9Page - Cree, Inc XM-L2 Datasheet HTML 10Page - Cree, Inc XM-L2 Datasheet HTML 11Page - Cree, Inc XM-L2 Datasheet HTML 12Page - Cree, Inc XM-L2 Datasheet HTML 13Page - Cree, Inc XM-L2 Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
13
XLamp® Xm-L2 LED
tAPE AnD rEEL
All Cree carrier tapes conform to EIA-481D, Automated Component Handling Systems Standard.
except as noted, all dimensions in mm.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
X°
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTANED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
SURFACE FINISH: 63
330
+.25
-.75
12.4
+1.0
-.5
MEASURED AT EDGE
16.4
+0.2
.0
MEASURED AT HUB
12.4
+.2
.0
MEASURED AT HUB
±.2
13.1
1.9±.4
±.4
21
60°
60°
1
/
1
0.500
A
2400-00009
REEL, 13" X 12MM, 3 PIECE SNAP
-
ANTI-STATIC HIPS
--
--
--
--
09/29/09
D. CRONIN
2400-00009
INDEX
QTY
ITEM
COMMENTS
1
1
2400-00009-CORE
2
2
2400-00009-REEL
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
Trailer
160mm (min) of
empty pockets
sealed with tape
(15 pockets min.)
Loaded Pockets
(1000 Lamps)
Leader
400mm (min.) of
empty pockets with
at least 100mm
sealed by tape
(40 empty pockets min.)
12
1.75
4
8
3.35
1
/
1
3.000
B
2402-00012
XM LOADING SPEC
--
--
--
--
--
--
06/08/10
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
A
Loaded pocket count was 750
DDS 11/8/10 BS
B
MADE CATHODE AND ANODE NOTE LARGER
DC
2/26/12
END
START
User Feed Direction
CATHODE SIDE
ANODE SIDE
1
2
3
4
6
5
D
C
B
A
APP'D
DATE
BY
REVISIONS
REV
DESCRIPTION
SIZE
TITLE
OF
REV.
SHEET
A
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
4600 Silicon Drive
Fax (919) 313-5558
Durham, N.C 27703
Phone (919) 313-5300
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
63
1
/
1
DRAWING SCALE
A
2402-00011
XM 5050 CARRIER TAPE
4/23/10
D. CRONIN
CREE REFERENCE DRAWING FOR TEK-PAK DRAWING 018275
.36[.014]
T
5.40[.213]
Ao
3.35[.132]
Ko
3.0°
5.40[.213]
Bo
2.00[.079]
P2
4.00[.157]
Po
Do1.50 +.10
-.00 .0591
+.0039
-.0000 [ ]
10.25
[.404]
E2
7.0°
12.00[.472]
NOMINAL
12.30 [.484]
MAX
W
1.75[.069]
E1
5.50[.217]F
1.50[.059]
D1
8.00[.315]
P
POCKET SIZE
Ao - 5.40mm [.213"]
Bo - 5.40mm [.213"]
Ko - 3.35mm [.132"]
1
2
3
4
6
5
D
C
B
A
APP'D
DATE
BY
REVISIONS
REV
DESCRIPTION
SIZE
TITLE
OF
REV.
SHEET
A
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
4600 Silicon Drive
Fax (919) 313-5558
Durham, N.C 27703
Phone (919) 313-5300
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
63
1
/
1
DRAWING SCALE
A
2402-00011
XM 5050 CARRIER TAPE
4/23/10
D. CRONIN
CREE REFERENCE DRAWING FOR TEK-PAK DRAWING 018275
.36[.014]
T
5.40[.213]
Ao
3.35[.132]
Ko
3.0°
5.40[.213]
Bo
2.00[.079]
P2
4.00[.157]
Po
Do1.50 +.10
-.00 .0591
+.0039
-.0000 [ ]
10.25
[.404]
E2
7.0°
12.00[.472]
NOMINAL
12.30 [.484]
MAX
W
1.75[.069]
E1
5.50[.217]F
1.50[.059]
D1
8.00[.315]
P
POCKET SIZE
Ao - 5.40mm [.213"]
Bo - 5.40mm [.213"]
Ko - 3.35mm [.132"]
1
2
3
4
6
5
D
C
B
A
APP'D
DATE
BY
REVISIONS
REV
DESCRIPTION
SIZE
TITLE
OF
REV.
SHEET
A
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
4600 Silicon Drive
Fax (919) 313-5558
Durham, N.C 27703
Phone (919) 313-5300
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
63
1
/
1
DRAWING SCALE
A
2402-00011
XM 5050 CARRIER TAPE
4/23/10
D. CRONIN
CREE REFERENCE DRAWING FOR TEK-PAK DRAWING 018275
.36[.014]
T
5.40[.213]
Ao
3.35[.132]
Ko
3.0°
5.40[.213]
Bo
2.00[.079]
P2
4.00[.157]
Po
Do1.50 +.10
-.00 .0591
+.0039
-.0000 [ ]
10.25
[.404]
E2
7.0°
12.00[.472]
NOMINAL
12.30 [.484]
MAX
W
1.75[.069]
E1
5.50[.217]F
1.50[.059]
D1
8.00[.315]
P
POCKET SIZE
Ao - 5.40mm [.213"]
Bo - 5.40mm [.213"]
Ko - 3.35mm [.132"]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com