Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1282 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1282
Description  110 MHz RGB Video Amplifier System with On Screen Display (OSD)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1282 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1282 Datasheet HTML 1Page - National Semiconductor (TI) LM1282 Datasheet HTML 2Page - National Semiconductor (TI) LM1282 Datasheet HTML 3Page - National Semiconductor (TI) LM1282 Datasheet HTML 4Page - National Semiconductor (TI) LM1282 Datasheet HTML 5Page - National Semiconductor (TI) LM1282 Datasheet HTML 6Page - National Semiconductor (TI) LM1282 Datasheet HTML 7Page - National Semiconductor (TI) LM1282 Datasheet HTML 8Page - National Semiconductor (TI) LM1282 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM1282
110 MHz RGB Video Amplifier System with On Screen
Display (OSD)
General Description
The LM1282 is a full feature video amplifier with OSD inputs,
all within a 28-pin package. This part is intended for use in
monitors with resolutions up to 1280 x 1024. The video sec-
tion of the LM1282 features three matched video amplifiers
with blanking. All of the video amplifier adjustments feature
high input impedance 0V to 4V DC controls, providing easy
interfacing to bus controlled alignment systems. The OSD
section features three TTL inputs and a DC contrast control.
The switching between the OSD and video section is con-
trolled by a single TTL input. Although the OSD signals are
TTL inputs, these signals are internally processed to match
the OSD logic low level to the video black level. When ad-
justing the drive controls for color balance of the video sig-
nal, the color balance of the OSD display will track these
color adjustments. The LM1282 also features an internal
spot killer circuit to protect the CRT when the monitor is
turned off. For applications without OSD insertion please re-
fer to the LM1205 or LM1208 data sheets.
Features
n Three wideband video amplifiers 110 MHz @ −3 dB
(4 V
PP output)
n TTL OSD inputs, 50 MHz bandwidth
n On chip blanking, outputs under 0.1 V when blanked
n High speed Video/OSD switch
n Independent drive control for each channel for color
balance
n 0V to 4V, high impedance DC contrast control with over
40 dB range
n 0V to 4V, high impedance DC drive control (0 dB to
−12 dB range)
n 0V to 4V, high impedance DC OSD contrast control with
over 40 dB range
n Capable of 7 VPP output swing (slight reduction in
bandwidth)
n Output stage directly drives most hybrid or discrete CRT
drivers
Applications
n High resolution RGB CRT monitors requiring OSD
capability
Block and Connection Diagram
DS012519-1
FIGURE 1. Order Number LM1282N
See NS Package Number N28B
June 1998
© 1998 National Semiconductor Corporation
DS012519
www.national.com


Similar Part No. - LM1282

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
85 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
Shenzhen TOPWAY Technol...
LM128128ABY-2 TOPWAY-LM128128ABY-2 Datasheet
682Kb / 11P
LCD Module User Manual
LM128128CBA TOPWAY-LM128128CBA Datasheet
824Kb / 14P
LCD Module User Manual
LM128128CBY TOPWAY-LM128128CBY Datasheet
810Kb / 14P
LCD Module User Manual
LM128128ECW TOPWAY-LM128128ECW Datasheet
589Kb / 9P
LCD Module User Manual
More results

Similar Description - LM1282

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
110 MHz RGB Video Amplifier System with OSD
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
RGB Video Amplifier with OSD Input
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
LM1279A 110 MHz RGB Video Amplifier System with OSD
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
110 MHz RGB Video Amplifier System with OSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com